Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products MAX4366 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Maximum Ratings section. For example,
ΘJA of a TDFN
package is 41°C/W.
The increase in power delivered by the BTL configura-
tion directly results in an increase in internal power dis-
sipation over the single-ended configuration. If the
power dissipation exceeds the maximum allowed for a
given package, either reduce VCC, increase load
impedance, decrease the ambient temperature, or add
heat sinking to the device. Large output, supply, and
ground traces improve the maximum power dissipation
in the package.
Thermal overload protection limits total power dissipa-
tion in the MAX4366/MAX4367/MAX4368. When the
junction temperature exceeds +165°C, the thermal pro-
tection circuitry disables the amplifier output stage. The
amplifiers are re-enabled once the junction temperature
cools by +10°C. This results in a pulsing output under
continuous thermal overload conditions avoiding dam-
age to the part.
Component Selection
Gain-Setting Resistors
External feedback components set the gain of the
MAX4366. Resistors RF and RIN (Figure 3) set the gain
of the input amplifier as follows:
The gain of the device in a single-ended configuration
is half the gain of the BTL case. Choose RF between
10k
Ω and 50kΩ. The gains of the MAX4367/MAX4368
are set internally (Figure 4).
Input Filter
The input capacitor (CIN), in conjunction with RIN forms
a highpass filter that removes the DC bias from an
incoming signal. The AC-coupling capacitor allows the
amplifier to bias the signal to an optimum DC level.
Assuming zero source impedance, the -3dB point of
the highpass filter is given by:
f
RC
dB
IN IN
-3
1
2
=
π
A
R
R
VD
F
IN
=
⎛
⎝⎜
⎞
⎠⎟
2
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
______________________________________________________________________________________
11
Figure 4. MAX4367/MAX4368 Typical Application Circuit
VCC
VCC
CIN
RIN
RF
CBIAS
6
OUT-
IN+
BIAS
AUDIO
INPUT
3
2
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
8
OUT+
5
7
1
MAX4367
MAX4368
50k
Ω
50k
Ω
10k
Ω
10k
Ω
IN-
4
MAX4367: RIN = RF = 20k
Ω
MAX4368: RIN = 20k
Ω,RF = 30kΩ
PIN NUMBERS REFER TO TDFN PACKAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com