Electronic Components Datasheet Search
  English  ▼

X  

MAX5331 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5331 Datasheet HTML 3Page - Maxim Integrated Products MAX5331 Datasheet HTML 4Page - Maxim Integrated Products MAX5331 Datasheet HTML 5Page - Maxim Integrated Products MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products MAX5331 Datasheet HTML 10Page - Maxim Integrated Products MAX5331 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
7
Pin Description
PIN
TQFP
THIN QFN
NAME
FUNCTION
1, 2
1, 2, 17, 34, 51, 68
N.C.
No Connection. Not internally connected.
33
GS
Ground-Sensing Input
44
VLDAC
+5V DAC Power Supply
55
RST
Reset Input
66
CS
Chip-Select Input
77
DIN
Serial-Data Input
88
SCLK
Serial-Clock Input
99
VLOGIC
+5V Logic Power Supply
10
10
IMMED
Immediate-Update Mode
11
11
ECLK
External Sequencer Clock Input
12
12
CLKSEL
Clock-Select Input
13
13
DGND
Digital Ground
14
14
VLSHA
+5V Sample-and-Hold Power Supply
15, 25, 40, 55, 62
15, 26, 42, 58, 65
AGND
Analog Ground
16, 32, 46
16, 33, 48
VSS
Negative Power Supply
17, 39, 48
18, 41, 50
VDD
Positive Power Supply
18, 33, 49
19, 35, 52
CL
Output Clamp Low Voltage
19
20
OUT0
Output 0
20
21
OUT1
Output 1
21
22
OUT2
Output 2
22
23
OUT3
Output 3
23
24
OUT4
Output 4
24
25
OUT5
Output 5
26
27
OUT6
Output 6
27
28
OUT7
Output 7
28
29
OUT8
Output 8
29
30
OUT9
Output 9
30
31
OUT10
Output 10
31, 47, 64
32, 49, 67
CH
Output Clamp High Voltage
34
36
OUT11
Output 11
35
37
OUT12
Output 12
36
38
OUT13
Output 13
37
39
OUT14
Output 14
38
40
OUT15
Output 15
41
43
OUT16
Output 16
42
44
OUT17
Output 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com