Electronic Components Datasheet Search
  English  ▼

X  

MAX5331 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products MAX5331 Datasheet HTML 10Page - Maxim Integrated Products MAX5331 Datasheet HTML 11Page - Maxim Integrated Products MAX5331 Datasheet HTML 12Page - Maxim Integrated Products MAX5331 Datasheet HTML 13Page - Maxim Integrated Products MAX5331 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
10
______________________________________________________________________________________
combinations of negative and positive power-supply
voltages. The nominal, usable DAC end-point codes for
the selected power supplies can be calculated as:
Lower end-point code = 2048 - ((2.5V - (VSS + 0.75) /
3.2mV) (result
≥ 0)
Upper end-point code = 2048 + ((VDD - 2.4 - 2.5V) /
3.2mV) (result
≤ 4095)
The resistive voltage-divider formed by the output resis-
tor (RO) and the load impedance (RL), scales the out-
put voltage. Determine VOUT_ as follows:
Ground Sense
The MAX5331/MAX5332/MAX5333 include a ground-
sense input (GS), which allows the output voltages to
be referenced to a remote ground. The voltage at GS is
added to the output voltage with unity gain. Note that
the resulting output voltage must be within the valid
output voltage range set by the power supplies.
Output Clamp
The MAX5331/MAX5332/MAX5333 clamp the output
between two externally applied voltages. Internal
diodes at each channel restrict the output voltage to:
The clamping diodes allow the MAX5331/MAX5332/
MAX5333 to drive devices with restricted input ranges.
The diodes also allow the outputs to be clamped during
power-up or fault conditions. To disable output clamping,
connect CH to VDD and CL to VSS, setting the clamping
voltages beyond the maximum output voltage range.
Serial Interface
The MAX5331/MAX5332/MAX5333 are controlled by an
SPI-/QSPI-/MICROWIRE-compatible 3-wire interface.
Serial data is clocked into the 24-bit shift register in an
MSB-first format, with the 12-bit DAC data and S3–S0
(all zeros) preceding the 5-bit SRAM address, 2-bit
control, and a fill zero (Figure 4). The input word is
framed by CS. The first rising edge of SCLK after CS
goes low clocks in the MSB of the input word.
VV
V
V
V
CH
OUT
CL
.
.
_
+
()≥≥()
−
07
07
Scaling factor
R
RR
VV
scaling factor
L
LO
OUT
CHOLD
=
+
=×
_
DATA
ADDRESS
CONTROL
D11 D10
D9
D8
D7D6
D5D4
D3D2
D1D0
S3
S2
S1
S0
A4
A3
A2
A1
A0
C1
C0
0
0
000
0
MSB
LSB
Figure 4. Input-Word Sequence
Figure 3. Analog Block Diagram
GS
DAC
DATA
CH
OUT_
GAIN
AND
OFFSET
CHOLD
VREF
RO
ONE OF 32 SHA CHANNELS
12-BIT
DAC
RL
CL
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com