Electronic Components Datasheet Search
  English  ▼

X  

MAX5331 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5331 Datasheet HTML 4Page - Maxim Integrated Products MAX5331 Datasheet HTML 5Page - Maxim Integrated Products MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products MAX5331 Datasheet HTML 10Page - Maxim Integrated Products MAX5331 Datasheet HTML 11Page - Maxim Integrated Products MAX5331 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
TQFP
THIN QFN
NAME
FUNCTION
43
45
OUT18
Output 18
44
46
OUT19
Output 19
45
47
OUT20
Output 20
50
53
OUT21
Output 21
51
54
OUT22
Output 22
52
55
OUT23
Output 23
53
56
OUT24
Output 24
54
57
OUT25
Output 25
56
59
OUT26
Output 26
57
60
OUT27
Output 27
58
61
OUT28
Output 28
59
62
OUT29
Output 29
60
63
OUT30
Output 30
61
64
OUT31
Output 31
63
66
VREF
Reference Voltage Input
Figure 1. Functional Diagram
CLOCK
ECLK
CLKSEL
SEQUENCER
SERIAL
INTERFACE
LAST
ADDRESS
SEQUENTIAL
ADDRESS
12-BIT
DAC
GAIN AND
OFFSET
CORRECTION
12 x 32
SRAM
CS
SCLK
DIN
ADDR SELECT
WRITE ENABLE
DATA READY
READ ENABLE
CH
CL
REF
GS
OUT0
OUT31
SAMPLE
D[11:0]
IMMED
RST
2: 1
M
U
X
R
E
G
I
S
T
E
R
R
E
G
I
S
T
E
R
SAMPLE-
AND-HOLD
ARRAY
MAX5331
MAX5332
MAX5333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com