Electronic Components Datasheet Search
  English  ▼

X  

MAX5331 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5331 Datasheet HTML 5Page - Maxim Integrated Products MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products MAX5331 Datasheet HTML 10Page - Maxim Integrated Products MAX5331 Datasheet HTML 11Page - Maxim Integrated Products MAX5331 Datasheet HTML 12Page - Maxim Integrated Products MAX5331 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
9
Detailed Description
Sample-and-Hold Amplifiers
The MAX5331/MAX5332/MAX5333 contain 32 buffered
SHA circuits with internal hold capacitors. Internal hold
capacitors minimize leakage current, dielectric absorp-
tion, feedthrough, and required board space. The
MAX5331/MAX5332/MAX5333 provide a very low
1µV/ms droop rate.
Output
The MAX5331/MAX5332/MAX5333 include output buffers
on each channel. The devices contain output resistors in
series with the buffer output (Figure 3) for ease of output
filtering and capacitive load driving stability.
Output loads increase the analog supply current (IDD
and ISS). Excessively loading the outputs drastically
increases power dissipation. Do not exceed the maxi-
mum power dissipation specified in the Absolute
Maximum Ratings.
The maximum output voltage range depends on the
analog supply voltages available and the output clamp
voltages (see the Output Clamp section):
The devices have a fixed theoretical output range
determined by the reference voltage, gain, and mid-
scale offset. The output voltage for a given input code
is calculated as follows:
where code is the decimal value of the DAC input
code, VREF is the reference voltage, and VGS is the
voltage at the ground-sense input. With a 2.5V refer-
ence, the nominal end points are -4.0535V and
+9.0503V (Table 1). Note that these are “virtual” internal
end-point voltages and cannot be reached with all
V
code
V
VV
OUT
REF
REF
GS
_
.
= 


××
×
() +
4096
5 2428
1 6214
-
.
VV
V
V
V
SS
OUT
DD
+
()≤≤()
075
2 4
..
_
-
Table 1. Code Table
DAC INPUT CODE
MSB
LSB
NOMINAL OUTPUT
VOLTAGE (V)
VREF = +2.5V
1111 1111 1111
9.0503
Full-scale output.
1100 0111 0101
6.15
Maximum output with VDD = 8.55V.
1000 0000 0000
2.5
Midscale output.
0100 1111 0011
0
VOUT_ = 0. All outputs default to this code after power-up.
0010 1000 0010
-2.0
Minimum output with VSS = -2.75V.
0000 0000 0000
-4.0535
Zero-scale output.
tCSHO
tCH
tCSSO
tCL
tDH
tDS
tCSH1
tCSS1
CS
SCLK
DIN
B23
B22
B0
Figure 2. Serial-Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com