Electronic Components Datasheet Search
  English  ▼

X  

MAX5331 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5331 Datasheet HTML 1Page - Maxim Integrated Products MAX5331 Datasheet HTML 2Page - Maxim Integrated Products MAX5331 Datasheet HTML 3Page - Maxim Integrated Products MAX5331 Datasheet HTML 4Page - Maxim Integrated Products MAX5331 Datasheet HTML 5Page - Maxim Integrated Products MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0, RL
≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Sample-and-Hold Settling
(Note 4)
0.08
%
SCLK Feedthrough
0.5
nV•s
fSEQ Feedthrough
0.5
nV•s
Hold Step
0.25
1mV
Droop Rate
VOUT_ = 0 (Note 5)
1
300
µV/ms
Output Noise
250
µVRMS
REFERENCE INPUT
Input Resistance
7k
Ω
Reference Input Voltage
VREF
2.5
V
GROUND-SENSE INPUT
Input Voltage Range
VGS
-0.5
+0.5
V
Input Bias Current
IGS
-0.5V
≤ VGS ≤ 0.5V
-60
0
µA
GS Gain
(Note 6)
0.998
1
1.002
V/V
DIGITAL-INTERFACE DC CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
±1µA
TIMING CHARACTERISTICS (Figure 2)
Sequencer Clock Frequency
fSEQ
Internal oscillator
80
100
120
kHz
External Clock Frequency
fECLK
(Note 7)
480
kHz
SCLK Frequency
fSCLK
20
MHz
SCLK Pulse-Width High
tCH
15
ns
SCLK Pulse-Width Low
tCL
15
ns
CS-Low to SCLK-High Setup
Time
tCSSO
15
ns
CS-High to SCLK-High Setup
Time
tCSS1
15
ns
SCLK-High to CS-Low Hold Time
tCSH0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com