Electronic Components Datasheet Search
  English  ▼

X  

AAT1110 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT1110 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 2 of 17
V 1.0
AAT1110
Pin Description
Pin No
Name
I/O
Description
1
CE
I Chip Enable Input Pin(Internal Pull "H")
2
SCP
- Soft-Start and SCP Capacitor Connection Pin
3
DD
V
- Power Supply
4
OUT
O Totem-Type Output Pin
5
GND
- Ground
6
OSC
O Capacitor and Resistor Connection Pin for Setting the Oscillation Frequency
7
OE
O Error Amplifier Output Pin
8
IE
I Error Amplifier Inverting Input Pin
Absolute Maximum Ratings
Characteristics
Symbol
Value
Unit
Supply Voltage
DD
V
7
V
Output Current
O
I
120
−
/+120
mA
Operating Free-Air Temperature Range
C
T
20
−
to +85
oC
Storage Temperature Range
storage
T
45
−
to +125
oC
Power Dissipation
d
P
500
mW
Recommended Operating Conditions
Characteristics
Symbol
Min
Max
Unit
Supply Voltage,
DD
V
DD
V
2.6
6.5
V
Error Amplifier Input Voltage
I
V
0.5
1.6
V
OSC Capacitor
OSC
C
100
10,000
pF
OSC Resistor
OSC
R
1.0
10.0
Ω
k
Oscillator Frequency
OSC
f
10
1,000
kHz
Output Current
O
I
-
+30/ 30
−
mA
Operating Free-Air Temperature
C
T
20
−
+85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com