Electronic Components Datasheet Search
  English  ▼

X  

AAT1110 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT1110 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 4 of 17
V 1.0
AAT1110
Electrical Characteristics,
DD
V
= 3.3V (Unless Otherwise Specified) (See Note 1)
EA (Error Amplifier)
Parameter
Test Condition
Min
Typ
Max Unit
Input Threshold Voltage
T
V
OE
V = 0.7V
1.249 1.262 1.275
V
T
V Input Stability
V
T
V ∆
DD
V
= 2.6 to 6.5V
-
2
8
mV
T
V Variation with
Temperature
T
T
V ∆
C
T=
20
−
oC to 90 oC
-
1
-
%
Input Bias Current
B
I
-
0.1
1.0
A
µ
+
OS
V
1.4
1.7
-
Output Voltage Swing
−
OS
V
-
0.05
0.20
V
Output Sink Current
+
OS
I
OE
V =0.7V
3
20
-
mA
Output Source Current
−
OS
I
OE
V =0.7V
45
−
75
−
-
A
µ
Open-Loop Voltage Gain
VO
A
70
85
-
dB
Output Section
Parameter
Test Condition
Min
Typ
Max Unit
High-Level Output Voltage
OH
V
IO= 30
−
mA
1.9
2.3
-
V
Low-Level Output Voltage
OL
V
IO=+30mA
-
0.8
1.2
V
Rise Time
RISE
t
CL=1,000pF
-
100
-
ns
Fall Time
FALL
t
CL=1,000pF
-
100
-
ns
Operating Current
Parameter
Test Condition
Min
Typ
Max Unit
OFF
DD
I
−
Output ”OFF” State
-
1.3
-
mA
Supply Current
ON
DD
I
−
RT =4.2 Ω
k
-
1.6
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com