Electronic Components Datasheet Search
  English  ▼

X  

AAT1110 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT1110 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 1 of 17
V 1.0
AAT1110
Details are subject to change without notice
ONE-CHANNEL STEP-DOWN PWM CONTROLLER
Features
Under-Voltage Lockout (UVLO) Protection
Totem Pole Output
Output Short Circuit Protection
Incorporates Soft-Start Function
Wide Operating Frequency:
10 kHz to 1MHz
Shutdown Control
Low Dissipation Current :
Typical 1.6mA in Operation
SOP-8 & TSSOP-8 Package Available
Pin Configuration
DD
V
General Description
The AAT1110 is a one-channel step-down PWM
controller incorporating a soft-start function and a
short circuit protection (SCP) function.
Each device consists of an on-chip voltage reference,
error amplifier, pulse width modulation controller,
under-voltage protection, soft-start, and short circuit
protection circuits. Switching frequencies up to
1MHz are set by an external resistor and capacitor.
Soft-start time can be implemented by the SCP
capacitor.
Additionally, a chip enabled feature is provided to
power down and reduce the supply current to 10 A
µ
.
With an optimized number of external components,
the AAT1110 offers a simple and cost effective
solution.


Similar Part No. - AAT1110

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1110 SKYWORKS-AAT1110 Datasheet
1Mb / 15P
Fast Transient 800 mA Step-Down Converter
September 11, 2013
logo
Advanced Analogic Techn...
AAT1110IJS-0.6-T1 ANALOGICTECH-AAT1110IJS-0.6-T1 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1110IJS-0.6-T1 SKYWORKS-AAT1110IJS-0.6-T1 Datasheet
1Mb / 15P
Fast Transient 800 mA Step-Down Converter
September 11, 2013
AAT1110IJS-3.3-T1 SKYWORKS-AAT1110IJS-3.3-T1 Datasheet
1Mb / 15P
Fast Transient 800 mA Step-Down Converter
September 11, 2013
More results

Similar Description - AAT1110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1109 AAT-AAT1109 Datasheet
592Kb / 18P
ONE-CHANNEL STEP-UP PWM CONTROLLER
V 1.0
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Exar Corporation
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
Quad Channel Digital PWM Step Down Controller
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
Three Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
Quad Channel Digital PWM Step Down Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com