Electronic Components Datasheet Search
  English  ▼

X  

AAT1110 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT1110 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 8 of 17
V 1.0
AAT1110
Buck (Step-Down) Timing Chart
2.47V
Lockout Free
Output
SCP
1.262V
OSC
OE
ldlePeriodSettingVoltage
Reference Input for Short Circuit
Soft-Start SettingVoltage
tscp
ts
Output Short
Circuit
Soft-Start
Output
Short Circuit
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com