Electronic Components Datasheet Search
  English  ▼

X  

AAT1110 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT1110
Description  ONE-CHANNEL STEP-DOWN PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1110 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT1110 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1110 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 5 of 17
V 1.0
AAT1110
How to Set the Time Constant for Soft-Start and Short Circuit Protection
1. Soft-Start
At power on, the AAT1110 operates in soft-start mode. The capacitor
SCP
C
connected to SCP pin starts
charging at a constant current. In the soft-start mode, the voltage at SCP pin ( SCP
V
) is input to the PWM
comparator, so that the ON duty of the OUT pin is controlled by the SCP
V
. At completion of the soft-start
operation, the voltage at the SCP pin stays low; the input from soft-start circuit to the PWM comparator
stays high, and enters the short circuit protection waiting state.
Soft-Start Time
)
F
(
C
84
.
0
~
(sec)
t
SCP
s
µ
×
2. Short Circuit Protection
If the switching regulator output suddenly drops due to loading effect, the error amplifier output will be
fixed at
+
OM
V
and capacitor
SCP
C
will start charging. When the voltage at the SCP pin reaches
approximately 1.26V, the output pin will set low and SCP pin will remain low.
Once the protection circuit starts operating, the circuit can be recovered by setting the power supply.
Short Circuit Detection Time
)
F
(
C
84
.
0
~
(sec)
t
SCP
scp
µ
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com