Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 32 Page - Analog Devices

Part # LT4294
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT4294 Datasheet HTML 28Page - Analog Devices LT4294 Datasheet HTML 29Page - Analog Devices LT4294 Datasheet HTML 30Page - Analog Devices LT4294 Datasheet HTML 31Page - Analog Devices LT4294 Datasheet HTML 32Page - Analog Devices LT4294 Datasheet HTML 33Page - Analog Devices LT4294 Datasheet HTML 34Page - Analog Devices LT4294 Datasheet HTML 35Page - Analog Devices LT4294 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC4291-1/LTC4292
32
Rev 0
For more information www.analog.com
If the LTC4291-1 is asserting INT, it will also respond to
the alert response address (0001100b) per the SMBus
specification.
Each LTC4291-1/LTC4292 is logically composed of a
single four port quad, packed into a single I2C address.
Interrupts and SMBAlert
Most port events can be configured to trigger an inter-
rupt, asserting INT and alerting the host to the event. This
removes the need for the host to poll the LTC4291-1,
minimizing serial bus traffic and conserving host CPU
cycles. Multiple LTC4291-1s can share a common INT
line, with the host using the SMBAlert protocol (ARA) to
determine which LTC4291-1 caused an interrupt.
Register Description
For information on serial bus usage and device con-
figuration and status, refer to the LTC4291 Software
Programming documentation. Contact Analog Devices
to request this document.
ISOLATION REQUIREMENTS
IEEE 802.3 Ethernet specifications require that network
segments (including PoE circuitry) be electrically isolated
from the chassis ground of each network interface device.
However, network segments are not required to be iso-
lated from each other, provided that the segments are
connected to devices residing within a single building on
a single power distribution system.
For simple devices, such as small PoE switches, the isola-
tion requirement can be met by using an isolated main
power supply for the entire device. This strategy can be
used if the device has no electrically conducting ports
other than twisted-pair Ethernet. In this case, the SDAIN
and SDAOUT pins can be tied together and will act as a
standard I2C/SMBus SDA pin.
If the device is part of a larger system, contains additional
external non-Ethernet ports, or must be referenced to pro-
tective ground for some other reason, the PoE subsystem
must be electrically isolated from the rest of the system.
The LTC4291-1/LTC4292 chipset simplifies PSE isolation
by allowing the LTC4291-1 chip to reside on the non-
isolated side. There it can receive power from the main
logic supply and connect directly to the I2C/SMBus bus.
Isolation between the LTC4291-1 and LTC4292 is imple-
mented using a proprietary transformer-based commu-
nication protocol. Additional details are provided in the
Serial Bus Isolation section of this data sheet.
EXTERNAL COMPONENT SELECTION
Power Supplies
The LTC4291-1/LTC4292 requires two supply voltages to
operate. VDD requires 3.3V (nominally) relative to DGND.
VEE requires a negative voltage of between –51V to –57V
for Type 3 PSEs, or –53V to –57V for Type 4 PSEs, rela-
tive to AGNDP.
Digital Power Supply
VDD provides digital power for the LTC4291-1 processor.
A ceramic decoupling cap of at least 0.1μF should be
placed from VDD to DGND, as close as practical to each
LTC4291-1. A 1.8V core voltage supply is generated inter-
nally and requires a 1µF ceramic decoupling cap between
the CAP1 pin and DGND.
In the LTC4291-1, VDD should be delivered by the host
controller’s non-isolated 3.3V supply. To maintain required
isolation, LTC4292 AGNDP and LTC4291-1 DGND must
not be connected in any way.
Main PoE Power Supply
VEE is the main isolated PoE supply that provides power
to the PDs. Because it supplies a relatively large amount
of power and is subject to significant current transients,
it requires more design care than a simple logic supply.
For minimum IR loss and best system efficiency, set VEE
near maximum amplitude (57V), leaving enough margin
to account for transient over or undershoot, temperature
drift, and the line regulation specifications of the particular
power supply used.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com