Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4294
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4294 Datasheet HTML 15Page - Analog Devices LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices LT4294 Datasheet HTML 22Page - Analog Devices LT4294 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC4291-1/LTC4292
19
Rev 0
For more information www.analog.com
Auto mode operates the same as semi-auto mode except
it will automatically apply power to the port if detec-
tion and classification are successful. Auto mode will
autonomously set the ICUT-2P, ILIM-2P, and PCUT-4P values
based on the Class result. This operational mode may
be entered by setting AUTO high at reset or by changing
the OPMD state to Auto. See Auto Mode Maximum PSE
Power section.
In shutdown mode the port is disabled and will not detect
or power a PD.
Regardless of which mode it is in, the LTC4291-1/
LTC4292 will remove power automatically from any port
and/or channel, as appropriate, that generates a fault. It
will also automatically remove power from any port/chan-
nel that generates a disconnect event if disconnect detec-
tion is enabled. The host controller may also command
the port to remove power at any time.
Reset and the AUTO Pin
The initial LTC4291-1/LTC4292 configuration depends on
the state of AUTO during reset. Reset occurs at power-up,
whenever RESET is pulled low, or when the global Reset
All bit is set. Changing the state of AUTO after power-
up will not change the port behavior of the LTC4291-1/
LTC4292 until a reset occurs.
Although typically actively managed by a host controller,
the LTC4291-1/LTC4292 may alternatively be configured
for autonomous operation by setting AUTO high. With
AUTO high, each port will detect and classify repeatedly
until a PD is discovered, set ICUT-2P, ILIM-2P, and PCUT-4P
according to the PSE assigned Class, apply power to valid
PDs, and remove power when a PD is disconnected.
Tables 4 and 5 show the ICUT-2P, ILIM-2P, and PCUT-4P val-
ues that will be automatically set in auto mode, based on
the PD requested Class.
Table 4. Typical Auto Mode Power On Thresholds,
Single-Signature PD
CLASS
PER-CHANNEL
PER-PORT
ICUT-2P
ILIM-2P
PCUT-4P
1
94mA
425mA
5.43W
2
150mA
425mA
8.69W
3
338mA
425mA
19.5W
4
638mA
850mA
36.4W
5
581mA
850mA
52.7W
6
731mA
850mA
70.0W
7
825mA
1063mA
87.4W
8
975mA
1167mA
96.6W
Table 5. Typical Auto Mode Power On Thresholds,
Dual-Signature PD
CLASS
PER-CHANNEL
ICUT-2P
ILIM-2P
PCUT-2P*
1
94mA
425mA
5.43W
2
150mA
425mA
8.69W
3
338mA
425mA
19.5W
4
638mA
850mA
36.4W
5
975mA
1167mA
48.3W
*A per-port PCUT-4P threshold holds the sum of PCUT-2P for each
powered channel.
CONNECTION CHECK
Connection Check Overview
IEEE 802.3bt introduces a new detection subroutine known
as connection check. A connection check is required to
determine whether the attached PD is a single-signature
PD, a dual-signature PD or an invalid result.
In 802.3at, only one PD configuration was described;
this is known as a single-signature PD and is shown in
Figure 10. A single-signature PD presents the same 25k
detection resistor to both the pairsets in parallel.
New in 802.3bt is the dual-signature PD as shown in
Figure 11. A dual-signature PD presents two fully indepen-
dent 25k detection signature resistors, one to each pairset.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com