Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 13 Page - Analog Devices

Part # LT4294
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT4294 Datasheet HTML 9Page - Analog Devices LT4294 Datasheet HTML 10Page - Analog Devices LT4294 Datasheet HTML 11Page - Analog Devices LT4294 Datasheet HTML 12Page - Analog Devices LT4294 Datasheet HTML 13Page - Analog Devices LT4294 Datasheet HTML 14Page - Analog Devices LT4294 Datasheet HTML 15Page - Analog Devices LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC4291-1/LTC4292
13
Rev 0
For more information www.analog.com
PIN FUNCTIONS
LTC4292
VEE (Pins 31, 33, 40, Exposed Pad Pin 41): Main PoE
Supply Input. Connect to a –51V to –57V supply, relative
to AGNDP. Voltage depends on PSE Type (Type 3 or 4).
GATEnM (Pins 1, 3, 7, 9, 22, 24, 28, 30): Gate Drive,
Port  n, Channel M. Connect GATEnM to the gate of
the external MOSFET for port n, channel M. When the
MOSFET is turned on, the gate voltage is driven to
12V (typ) above VEE. During a current limit condition, the
voltage at GATEnM will be reduced to maintain constant
current through the external MOSFET. If the fault timer
expires, GATEnM is pulled down, turning the MOSFET off
and raising a port n fault event. If the channel is unused,
the GATEnM pin must be floated.
OUTnM (Pins 2, 4, 8, 10, 21, 23, 27, 29): Output Voltage
Monitor, Port n, Channel M. Connect OUTnM to the output
channel. A current limit foldback circuit limits the power
dissipation in the external MOSFET by reducing the cur-
rent limit threshold when the drain-to-source voltage
exceeds 10V. The port n power good event is raised when
the voltage from OUTnM to VEE drops below 2.4V (typ).
A 500k resistor is connected internally from OUTnM to
AGNDP when the channel is idle. If the channel is unused,
the OUTnM pin must be floated.
CAP2 (Pin 6): Analog Internal 4.3V Power Supply Bypass
Capacitor. Connect a 0.22µF ceramic cap to VEE.
PWRMDn (Pins 11, 20): Maximum Power Mode Input.
Logic input signals between VEE and VEE + 4.3V for config-
uration of maximum output power per-port in auto mode.
See Auto Mode Maximum PSE Power section. Internally
pulled up to CAP2.
SENSEnM (Pins 12, 13, 14, 15, 16, 17, 18, 19): Current
Sense Input, Port n, Channel M. SENSEnM monitors
the external MOSFET current via a 0.15Ω sense resistor
between SENSEnM and VSSKn. Whenever the voltage
across the sense resistor exceeds the overcurrent detection
threshold VCUT-2P, the current limit fault timer counts up. If
the voltage across the sense resistor reaches the current
limit threshold VLIM-2P, the GATEnM pin voltage is lowered
to maintain constant current in the external MOSFET. See
Applications Information for further details. If the channel
is unused, the SENSEnM pin must be tied to VEE.
AGNDP (Pin 25): Analog Ground. Connect AGNDP to the
return for the VEE supply through a 10Ω resistor.
DNA (Pin 36): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 37): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 38): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 39): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.
VSSK12 (Pin 5): Kelvin Sense to VEE. Connect to sense
resistor common node for ports 1 and 2 through a 0.15Ω
resistor. Connect to AGNDP through a 0.22μF, 100V
capacitor. Do not connect directly to VEE plane. See Layout
Requirements.
VSSK34 (Pin 26): Kelvin Sense to VEE. Connect to sense
resistor common node for ports 3 and 4 through a 0.15Ω
resistor. Connect to AGNDP through a 0.22μF, 100V
capacitor. Do not connect directly to VEE plane. See Layout
Requirements.
Common Pins
NC, DNC (LTC4291-1 Pins 7, 13; LTC4292 Pins 32, 34,
35): All pins identified with “NC” or “DNC” must be left
unconnected.
LTC4291-1
AD0 (Pin 1): Address Bit 0. Tie the address pins high or
low to set the I2C serial address to which the LTC4291-1
responds. The address will be (010A3A2A1A0)b. Internally
pulled up to VDD.
AD1 (Pin 2): Address Bit 1. See AD0.
AD2 (Pin 3): Address Bit 2. See AD0.
AD3 (Pin 4): Address Bit 3. See AD0.
4PVALID (Pin 6): 4-Pair Valid Input, Active Low. When
low, the LTC4291-1/LTC4292 will not apply power to a
port unless both pairsets present a valid signature. When
high, the LTC4291-1/LTC4292 will power any pairset pre-
senting a valid signature, regardless of the other pairset.
Internally pulled down to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com