Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 16 Page - Analog Devices

Part # LT4294
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT4294 Datasheet HTML 12Page - Analog Devices LT4294 Datasheet HTML 13Page - Analog Devices LT4294 Datasheet HTML 14Page - Analog Devices LT4294 Datasheet HTML 15Page - Analog Devices LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LTC4291-1/LTC4292
16
Rev 0
For more information www.analog.com
VEE and port current measurements are performed simul-
taneously, providing fully coherent port power calcula-
tions. The reported port power calculations enable coher-
ent and precise per-port power monitoring.
PoE BASICS
Common Ethernet data connections consist of two or
four twisted pairs of copper wire (commonly known
as Ethernet cable), transformer-coupled at each end to
avoid ground loops. PoE systems take advantage of this
coupling arrangement by applying voltage between the
center-taps of the data transformers to transmit power
from the PSE to the PD without affecting data transmis-
sion. Figures 10 and 11 show high level PoE system
schematics.
To avoid damaging legacy data equipment that does not
expect to see DC voltage, the PoE standard defines a
protocol that determines when the PSE may apply and
remove power. Valid PDs are required to have a specific
25k common-mode resistance at their input. When such
a PD is connected to the cable, the PSE detects this sig-
nature resistance and applies power. When the PD is
later disconnected, the PSE senses the open circuit and
removes power. The PSE also removes power in the event
of a current fault or short circuit.
When a PD is detected, the PSE looks for a classification
signature that tells the PSE the maximum power the PD
will draw. The PSE can use this information to allocate
power among several ports, to police the current con-
sumption of the PD, or to reject a PD that will draw more
power than the PSE has available.
New in 802.3bt
The 802.3bt draft introduces several new features:
n
Type 3 and Type 4 PSEs may provide power over all
four pairs (both pairsets), depending on connected
PD characteristics.
n
Type 3 and Type 4 PDs are required to be capable of
receiving power over all four pairs (both pairsets).
n
Type 3 and 4 PDs can be formed as either a single-
signature PD or dual-signature PD. A single-signature
APPLICATIONS INFORMATION
PD presents the same valid signature resistor to both
pairsets simultaneously. A dual-signature PD pres-
ents two fully independent valid detection signatures,
one to each pairset.
n
Type 3 single-signature PDs request exactly one of six
possible power levels: 3.84W, 6.49W, 13W, 25.5W,
40W, or 51W.
n
Type 3 dual-signature PDs request exactly one of four
possible power levels on each pairset: 3.84W, 6.49W,
13W, or 25.5W. The total PD requested power is the
sum of the requested power on both pairsets.
n
Type 3 PD Classes overlap with Type 1 and 2 Classes
in order to provide additional Type 3 feature sets at
lower power levels.
n
Type 4 single-signature PDs request exactly one of
two possible power levels: 62W or 71.3W.
n
Type 4 dual-signature PDs request exactly 35.6W on
at least one pairset and one of five possible power lev-
els on the other pairset: 3.84W, 6.49W, 13W, 25.5W,
or 35.6W. The total PD requested power is the sum
of the requested power on both pairsets.
n
Classification is extended to a possible maximum
of five class events. The additional events allow for
unique identification of existing and new PD Classes.
n
Type 3 and 4 PSEs issue a long first class event to
advertise Type 3 and 4 feature support to attached PDs.
n
Lower standby power is enabled by shortening the
length of the maintain power signature pulse (short
MPS). The PD duty cycle drops from ~23% to ~2%. A
PD is allowed to present short MPS if the PSE issues
a long first class event.
n
Power management is augmented by Autoclass, an
optional feature for 802.3bt PSEs and PDs. In an
Autoclass system the maximum PD power is mea-
sured and reported to the PSE host, enabling the PSE
to reclaim output power not used by the PD appli-
cation and losses in the Ethernet cabling (Table 1).
See Autoclass section and LTC4291 Software
Programming documentation for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com