Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 40 Page - Analog Devices

Part # LT4294
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT4294 Datasheet HTML 32Page - Analog Devices LT4294 Datasheet HTML 33Page - Analog Devices LT4294 Datasheet HTML 34Page - Analog Devices LT4294 Datasheet HTML 35Page - Analog Devices LT4294 Datasheet HTML 36Page - Analog Devices LT4294 Datasheet HTML 37Page - Analog Devices LT4294 Datasheet HTML 38Page - Analog Devices LT4294 Datasheet HTML 39Page - Analog Devices LT4294 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC4291-1/LTC4292
40
Rev 0
For more information www.analog.com
D17158-0-10/18(0)
www.analog.com
ANALOG DEVICES, INC. 2018
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT4294
LTPoE++/PoE+/PoE PD Controller
External Switch, IEEE 802.3bt Support Configurable Class
LT4295
IEEE 802.3bt PD with Forward/Flyback
Switching Regulator Controller
External Switch, IEEE 802.3bt Support, Configurable Class, Forward or No-Opto Flyback
Operation, Frequency, PG/SG Delays, Soft-Start, and Aux Support as Low as 9V, Including
Housekeeping Buck, Slope Compensation
LTC4257-1
IEEE 802.3af PD Interface Controller
Internal 100V, 400mA Switch, Dual Current Limit, Programmable Class
LTC4263
Single IEEE 802.3af PSE Controller
Internal FET Switch
LTC4265
IEEE 802.3at PD Interface Controller
Internal 100V, 1A Switch, 2-Event Classification Recognition
LTC4266
Quad IEEE 802.3at PoE PSE Controller
With Programmable ICUT/ILIM, 2-Event Classification, and Port Current and Voltage Monitoring
LTC4267
IEEE 802.3af PD Interface with Integrated
Switching Regulator
Internal 100V, 400mA Switch, Dual Inrush Current, Programmable Class
LTC4269-1
IEEE 802.3at PD Interface with Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller,
50kHz to 250kHz, Aux Support
LTC4269-2
IEEE 802.3at PD Interface with Integrated
Forward Switching Regulator
2-Event Classification, Programmable Class, Synchronous Forward Controller, 100kHz to
500kHz, Aux Support
LTC4270/
LTC4271
12-Port PoE/PoE+/LTPoE++® PSE Controller Transformer Isolation, Supports Type 1, Type 2 and LTPoE++ PDs
LTC4278
IEEE 802.3at PD Interface with Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller,
50kHz to 250kHz, 12V Aux Support
LTC4279
Single PoE/PoE+/LTPoE++ PSE Controller
Supports IEEE 802.3af, IEEE 802.3at, LTPoE++ and Proprietary PDs
LTC4290/
LTC4271
8-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports IEEE 802.3af, IEEE 802.3at and LTPoE++ PDs
TYPICAL APPLICATION
VSSKn
VSSKn
VEE
VEE
100
100
100
100
100
100
100
100
S1B
10
0.15
>47µF
0.22µF
100V
S1B
S1B
0.15
0.22µF
100V
S1B
2nF
0.1µF
1µF
100V
0.22µF
1µF
3.3V
VEE
3.3V
CPA
CNA
DPA
DNA
VEE
VSSKn
SENSEnA
GATEnA
AGNDP
LTC4292
1000BASE-T
VEE
OUTnA
AGNDP
SENSEnB
GATEnB
OUTnB
AGNDP
TX1
TX2
TX3
TX4
RJ45
1
2
6
4
3
5
7
8
PWRMD0
PWRMD1
VEE
MSD
SCL
SDAIN
AD0
DGND
DPD
CND
VDD
LTC4291-1
CPD
DND
GP0
GP1
ISOLATION
AD1
AD2
AD3
SDAOUT
4PVALID
RESET
INT
AUTO
CAP1
3.3V
(NO I2C
ISOLATION
REQUIRED)
VEE
AGNDP
(1 OF 4 PORTS)
D1
D2
QnA, QnB: PSMN040-100MSE
D1: SMCJ58A
D2: SMAJ58A
CAP2
2kV
QnA
QnB
VSSKn
AGNDP
0.22F, 100V
0.15Ω
42911 F34
Figure 34. IEEE 802.3bt Type 3 or Type 4 PSE, Alternative A (MDI-X) and Alternative B(S), 1000BASE-T, 1 of 4 Ports Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com