Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 8Page - Analog Devices LTC4282 Datasheet HTML 9Page - Analog Devices LTC4282 Datasheet HTML 10Page - Analog Devices LTC4282 Datasheet HTML 11Page - Analog Devices LTC4282 Datasheet HTML 12Page - Analog Devices LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
LTC4284
12
Rev. B
For more information www.analog.com
PIN FUNCTIONS
ADC+ (Pin 16): Positive Current Sense Kelvin Input to
ADC. Connect to the tap of an external resistive divider
between SENSE1+ and SENSE2+ to measure the average
between those two pins. Connect to SENSE1+ when using
a single sense resistor. Connect to VEE if unused.
ADC− (Pin 13): Negative Current Sense Kelvin Input to
ADC. Connect to the tap of an external resistive divider
between SENSE1− and SENSE2− to measure the average
between those two pins. Connect to SENSE1− when using
a single sense resistor. Connect to VEE if unused.
ADIN1–ADIN4 (Pins 7–10): ADC Inputs. A single-ended
voltage between 0V and 2.048V applied to each ADIN
is measured by the on-chip ADC. Two differential volt-
ages ADIN2 – ADIN1 and ADIN4 – ADIN3, if enabled, are
also measured by the ADC with a full scale of 32.768mV.
Connect to VEE if unused.
ADIO1–ADIO4 (Pins 25–28): General Purpose Inputs/
Outputs and ADC Inputs. Configurable to logic inputs
and general purpose outputs (open-drain). See Table 13
for details. The single-ended voltages at ADIOs are mea-
sured by the ADC with a full scale of 2.048V. The dif-
ferential voltages ADIO2 – ADIO1 and ADIO4 – ADIO3, if
enabled, are also measured by the ADC with a full scale
of 32.768mV. Connect to VEE if unused.
ADR0, ADR1 (Pin 38, Pin 39): Serial Bus Address Inputs.
Connecting to VEE, OPEN or INTVCC configures one of nine
possible addresses, with one dedicated to the single-wire
broadcast mode. Do not bias with an external supply. See
Table 2 in Applications Information for address decoding.
ALERT# (Pin 34): Fault Alert Output. Open-drain logic
output that pulls to VEE when a fault occurs to alert the
host controller. A fault alert is enabled by the FAULT_
ALERT and ADC_ALERT registers. See Tables 15 and 16
in Applications Information for details. Connect to VEE if
unused.
DRAIN (Pin 20): Drain Sense Input. Connect an external
100k resistor between this pin and the drain terminal of
the N-channel MOSFET. A DRAIN voltage below 2.048V is
one of the conditions to assert power good outputs and
turn on GATE2 in the high stress staged start (Mode 3)
or low stress staged start mode (Mode 4). When DRAIN
voltage is above a voltage configurable between 72mV
and 203mV, the FET Bad fault timer is started and the
TMR output current is enabled when not in current limit.
DRAIN is internally clamped to a minimum of 3.2V.
INPUT = VRTNS
REJECTION LIMITED BY
QUANTIZATION NOISE
FREQUENCY (kHz)
0
50
100
150
200
–80
–60
–40
–20
0
4284 G25
300 UNITS
260°C 3 CYCLES
INPUT = VADIN1
FSE SHIFT (%)
–0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
20
40
60
80
100
4284 G26
300 UNITS
260°C 3 CYCLES
VILIM SHIFT (%)
–1.2
–0.8
–0.4
0.0
0.4
0.8
1.2
4284 G27
0
20
40
60
80
100
TYPICAL PERFORMANCE CHARACTERISTICS
12-Bit ADC Input Signal Attenuation
(Extended Frequencies)
ADC FSE Shift Due to IR Reflow
VILIM Shift Due to IR Reflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com