Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 12Page - Analog Devices LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
LTC4284
16
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
+
–
4
4
4
4
PGIO1
TMR
WP
WP
1.65V
MODE
INTVCC
2µA
VEE
VEE
INTVCC
VEE
2.048V
TMRH
DRAIN
ADR0
ADR1
SCL
SDAI
SDAO
ALERT#
VEE
VIN
RAMP
4284 BD
+
–
0.1V
TMRL
+
–
72mV TO 203mV
DC2
+
–
2.048V
DC1
+
–
VIN – 1.8V
GATE1/GATE2
3.2V
GC
+
–
16
16
48
ENERGY
1.28V
PGIC
4×
50µA
∆VSENSE1 × VDRNS
ADIO1
VEE
VEE
+
–
1.28V
ADIC
4×
ADIO2
ADIO3
ADIO4
PGIO2
PGIO3
PGIO4
+
–
EN#
1.28V
EN
OV
+
–
1.833V
UVL
+
–
2.048V
UVH
+
–
1.406V
OV
+
–
VRTNS – VDRNS
VOUTL
ADIN4
SENSE2–
SENSE2+
SENSE1–
ADIN1
ADIN2
ADIN3
SENSE1+
UVH
UVL
VREF
1.024V
VOUTTH
+
–
62.5x
ADC+
ADC–
DECODER
I2C
INTERFACE
REGISTERS
UVLO:
VIN = 8.1V
INTVCC = 4V
VZ
VIN
CONTROL
LOGIC
5V
11.5V
EEPROM
MUX/
PREAMP
16
POWER
ACC1
OSC
MULTIPLIER
32
TIME
ACC2
MIN/
MAX
LOG
ADC2
VPWR
(RTNS or DRNS)
DRNS
16
ADC1
DRNS
GATE2
RTNS
FOLDBACK
dV/dt CONTROL
FST2
30mV TO
60mV
ACL2
15mV TO
30mV
VIN
50µA
GATE1
FST1
30mV TO
60mV
ACL1
15mV TO
30mV
–
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com