Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices LTC4282 Datasheet HTML 27Page - Analog Devices LTC4282 Datasheet HTML 28Page - Analog Devices LTC4282 Datasheet HTML 29Page - Analog Devices LTC4282 Datasheet HTML 30Page - Analog Devices LTC4282 Datasheet HTML 31Page - Analog Devices LTC4282 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
LTC4284
28
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
After the internal power good signal is latched (see Power
Good Monitors and PGI Fault), the LTC4284 goes into
normal operation and the foldback is determined by the
attenuated output voltage for the load, RTNS – DRNS
(Figure 8b). If the output voltage or RTNS – DRNS drops
to 0V in an event such as a catastrophic output short, the
current limit sense voltage is folded back to the ratio con-
figured by the FB bits. As shown in Figure 8b, the foldback
ratio increases linearly with RTNS – DRNS and reaches
100% when RTNS – DRNS reaches 0.9V, which corre-
sponds to the minimum supply voltage of an application.
Above 0.9V the current limit sense voltage stays constant
unless the load power foldback (LPFB) bit in the CONFIG_1
register 0x0D is set. If the LPFB bit is set, the current
Figure 8a. Current Limit Foldback During Startup
Figure 8b. Current Limit Foldback in Normal Operation
limit sense voltage decreases linearly to 50% when RTNS
– DRNS reaches 1.8V (corresponding to the maximum
supply voltage). This profile approximately tracks the load
power when the output voltage increases with a constant
power load.
The LTC4284 foldback profile can differentiate an output
short fault from an allowed input step. Upon an output
short, RTNS – DRNS drops and current limit is folded back
to protect the MOSFETs from overstress. In the event of
an input step, RTNS – DRNS increases while the load is
charged up. The current limit either stays constant or
approximates constant load power (based on the LPFB
bit) to approach the optimum output ramp and minimize
the temperature rise of the MOSFETs (see Input Step and
Optimum Output Ramp). This is superior to a foldback
profile capacitance based upon VDS or power dissipation
of the MOSFET. In that case, the output short and input
step conditions cannot be differentiated, often resulting
in unwanted turn-off upon an input step.
Foldback in normal operation can be independently dis-
abled by setting the FB_DIS bit in the CONFIG_1 register
0x0D. With this configuration foldback is only effective
during startup, and it should only be used when an RC
network representing the thermal model of the MOSFET
is connected to TMR. If a single capacitor is used, it is
recommended to enable foldback in normal operation by
clearing the FB_DIS bit for more conservative protection
of the MOSFET. Note that the load power foldback con-
trolled by the LPFB bit is not affected by the FB_DIS bit.
FET Bad Fault and Auto-Retry
In a hot swap application several possible faults can
prevent the MOSFETs from turning on fully. A damaged
MOSFET may have leakage from gate to drain or have
degraded RDS(ON). Debris on the board may also pro-
duce leakage or a short from the GATE pins to VEE or the
MOSFET drain. In these conditions the LTC4284 may not
be able to pull the GATE pins high enough to fully enhance
the MOSFETs, or the MOSFETs may not reach the intended
RDS(ON) when the GATE pins are fully enhanced. This can
put the MOSFETs in a condition where the power in the
MOSFETs is higher than its continuous power capability,
even though the current is below the current limit. The
VRTNS – VDRNS (V)
VRTNS = 1.8V
0
100
50
20
10
0
0.9
4284 F08a
1.8
FB = 11
FB = 10
FB = 01
FB = 00
VRTNS – VDRNS (V)
0
100
50
20
10
0
0.9
4284 F08b
1.8
11
10
01
LPFB = 0
LPFB = 1
FB = 00
VRTNS = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com