Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 13Page - Analog Devices LTC4282 Datasheet HTML 14Page - Analog Devices LTC4282 Datasheet HTML 15Page - Analog Devices LTC4282 Datasheet HTML 16Page - Analog Devices LTC4282 Datasheet HTML 17Page - Analog Devices LTC4282 Datasheet HTML 18Page - Analog Devices LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
LTC4284
17
Rev. B
For more information www.analog.com
OPERATION
The LTC4284 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board to be
safely inserted or removed from a live, high power sys-
tem. The device features four distinct operation modes:
single driver mode (Mode 1), parallel mode (Mode 2), high
stress staged start mode (Mode 3), and low stress staged
start mode (Mode 4). Each of these modes addresses
specific application requirements for SOA (Safe Operating
Area), RDS(ON), and cost.
In normal operation after a startup debounce delay, the
LTC4284 turns on the external N-channel MOSFETs,
passing the power to the load. The inrush control dur-
ing startup is configurable between two methods. One is
programmable active current limiting with an adjustable
foldback factor. The other is constant dV/dt ramp control
of the output voltage using a capacitor connected between
RAMP and VEE. The inrush current is a function of the
RAMP capacitor, the load capacitor and the attenuated
load voltage seen between RTNS and DRNS.
An 11.5V shunt regulator on VIN powers the LTC4284
with an external dropping resistor from the system RTN
node. It also provides gate drive for GATE1 and GATE2.
An optional buffer transistor driven by VZ boosts sourcing
capability to supply external loads.
An internally generated 5V supply on INTVCC supplies the
logic control circuits, communication interface, data con-
verters and EEPROM. Prior to turning on the MOSFETs,
both VIN and INTVCC voltages must exceed their under-
voltage lockout thresholds. In addition, the control inputs
UVH, UVL, OV, EN#, PGIO3 and PGIO4 are monitored by
comparators. The MOSFETs are held off until all startup
conditions are met.
The DRAIN, RTNS − DRNS and GATE voltages are moni-
tored to determine if power is available for the load. Two
power good signals are sequenced on PGIO1 and PGIO2,
each with a delay that is twice the startup debounce delay.
Additionally, PGIO3 serves as a watchdog input to monitor
the output of the DC/DC module. If the module output fails
to come up, the LTC4284 turns off the MOSFETs. PGIO4
defaults as an external fault input (inverted). PGIO1-4 can
also be configured into general purpose inputs or outputs.
An overcurrent fault at the output may result in exces-
sive MOSFET power dissipation during Active Current
Limiting (ACL). To limit this power in each channel, the
ACL amplifiers regulate the SENSE1+ – SENSE1− and
SENSE2+ – SENSE2− voltages at precise, programmable
values (15mV to 30mV in 1mV steps). When the output
voltage is low, power dissipation is further reduced by
folding back the current limit, with the foldback ratio con-
figurable to 10%, 20%, or 50% of nominal. In the event
of a catastrophic output short when the sensed current
is twice of the current limit, fast response comparators
immediately pull the GATE pins down with 1.2A.
When active current limiting is engaged, TMR is pulled
up by a current that is proportional to the power dissipa-
tion in the MOSFET (M1) driven by GATE1. With an RC
network representing the thermal behavior of M1 con-
nected between TMR and VEE, the TMR voltage is propor-
tional to the temperature rise in M1. When TMR voltage
reaches its threshold of 2.048V (representing TJ(MAX) of
the MOSFET), the overcurrent fault is logged and both
GATE1 and GATE2 turn off, allowing protection of the
MOSFETs based on true SOA. TMR can also be config-
ured to drive a single capacitor. Following the overcurrent
fault, the LTC4284 can either latch off the MOSFETs or
auto-retry after a cooling delay. Both the retry delay and
the number of retries are configurable, too. The LTC4284
also logs and responds to other faults including overvolt-
age, undervoltage, FET bad, Power Good Input (PGI) fault,
FET short and external fault.
Included in the LTC4284 is a pair of analog to digital con-
verters (ADCs). The ADCs are configurable from 8-bit at
1kHz to 16-bit at 1Hz in five settings. As shown in the
Block Diagram, ADC1 continuously monitors the current
sense voltage between ADC+ and ADC−. ADC2 is syn-
chronized to ADC1 and measures the attenuated input
voltage at RTNS or the attenuated MOSFET drain voltage
at DRNS plus one of the sixteen auxiliary inputs. Every
time the ADCs finish taking a measurement, the current
sense voltage is multiplied by the measurement of the
RTNS or DRNS voltage to provide a power measurement.
Every time power is measured, it is added to an energy
accumulator that tracks the input energy or the energy
consumption of the MOSFET. The energy accumulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com