Electronic Components Datasheet Search
  English  ▼

X  

LTC4282 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4282
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4282 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4282 Datasheet HTML 19Page - Analog Devices LTC4282 Datasheet HTML 20Page - Analog Devices LTC4282 Datasheet HTML 21Page - Analog Devices LTC4282 Datasheet HTML 22Page - Analog Devices LTC4282 Datasheet HTML 23Page - Analog Devices LTC4282 Datasheet HTML 24Page - Analog Devices LTC4282 Datasheet HTML 25Page - Analog Devices LTC4282 Datasheet HTML 26Page - Analog Devices LTC4282 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
LTC4284
23
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
and regulates the inrush current to a fixed value that is a
function of the attenuation ratio, r and the ratio between
load capacitance and RAMP capacitance:
IINRUSH = 2.5µA •r •
CL
CR
The attenuation ratio r is set by the external resistive divid-
ers at RTNS (RRT and RRB) and DRNS (RDT and RDB) in
Figure 6:
r=
RRT+RRB
RRB
=
RDT+RDB
RDB
RTNS and DRNS represent the attenuated input voltage
and MOSFET drain voltage, respectively. The differential
voltage between RTNS and DRNS therefore represents
the attenuated load voltage. The operation range of VRTNS,
VDRNS and VRTNS – VDRNS is from 0V to 2.8V.
The dV/dt control is only active during initial startup.
After the turn-on sequence is completed and power good
signals are activated, the dV/dt inrush control mode is
disabled and RAMP is discharged with a 4mA current.
RAMP will also be discharged under any GATE turn-off
conditions. In the dV/dt mode the inrush current must be
set lower than the folded back current limit level to avoid
triggering the current limit (see below).
The second inrush control mechanism is active cur-
rent limiting. This is enabled by clearing the DVDT bit in
CONTROL_1 register 0x0A. In this mode the inrush cur-
rent is regulated to the folded back current limit:
IINRUSH = ILIM • aSTARTUP
where ILIM is the current limit and aSTARTUP is the startup
foldback factor. ILIM is determined by the current limit
sense voltage VILIM and the sense resistance RS.
ILIM=
VILIM
RS
VILIM is configurable from 15mV to 30mV in 1mV steps.
aSTARTUP is configurable to 10%, 20%, 50% and 100%
(no foldback) of current limit. During startup the current
limit foldback profile is flat and does not change with
output voltage. See Current Limit Adjustment and Current
Limit Foldback for details. In this mode the RAMP capaci-
tor CR at the RAMP pin no longer takes effect. If CR is
omitted, RAMP must be left open.
In parallel mode or single driver mode, GATE1 and GATE2
are turned on simultaneously to charge the load capacitor.
In staged start modes, GATE1 is turned on first to charge
the load capacitor and GATE2 is turned on after the load
capacitor is fully charged. See High Stress Staged Start
Mode (Mode 3) and Low Stress Staged Start (Mode 4)
for details.
Power Good Monitors and PGI Fault
After the MOSFETs are turned on, the following conditions
must be met before the power good signals are activated.
First, the DRAIN voltage must fall below 2.048V to indicate
the MOSFET drain is low. Second, RTNS − DRNS must be
higher than the external threshold voltage at VOUTTH to
indicate the output voltage is high. Last, GATE voltages
must satisfy the GATE high (>VIN – 1.8V) condition. For
parallel mode, one GATE must be high and the other GATE
must be either high or in current limit. When all three condi-
tions are met, an internal power good signal is latched, the
PG_STATUS bit in SYSTEM_STATUS register 0x00 is set,
and a series of three delay cycles are started as illustrated
in Figure 5. When the first delay of 256ms expires, the first
power good signal PGIO1 turns on the first load. When the
second delay of 256ms expires, the second power good
signal PGIO2 can be used to turn on a second load.
Following the two 256ms delays, a third delay of 512ms is
started for monitoring PGIO3 as a power good input (PGI)
watchdog. Before this delay expires, PGIO3 must be pulled
low or high (polarity configurable by register 0x10) by an
external supply monitor to indicate the load is working prop-
erly. Otherwise, the MOSFETs are turned off and a PGI fault
is logged in FAULT register 0x04. The MOSFETs are allowed
to auto-retry after a delay of 128ms following the PGI fault
if the PGI_RETRY bit in CONTROL_2 register 0x0B is set
to 1. Both power good signals and the power good input
can be configured into inverted or non-inverted polarity
using PGIO_CONFIG_1 register 0x10 (see Table 12). To
disable the PGI watchdog, connect PGIO3 to VEE or INTVCC
depending on the configured polarity, or configure PGIO3
as general purpose input or output using register 0x10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com