Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC3882
Description  60V Dual Output Step-Up Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 38Page - Analog Devices LTC3882 Datasheet HTML 39Page - Analog Devices LTC3882 Datasheet HTML 40Page - Analog Devices LTC3882 Datasheet HTML 41Page - Analog Devices LTC3882 Datasheet HTML 42Page - Analog Devices LTC3882 Datasheet HTML 43Page - Analog Devices LTC3882 Datasheet HTML 44Page - Analog Devices LTC3882 Datasheet HTML 45Page - Analog Devices LTC3882 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
LTC7880
42
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
This same RC filter with minor modifications, can be used
to extract the resistive component of the current sense
signalinthepresenceofparasiticinductance.Forexample,
Figure 26 illustrates the voltage waveform across a 2mΩ
resistor with a PCB footprint of 2010. The waveform is
the superposition of a purely resistive component and a
purely inductive component. It was measured using two
scope probes and waveform math to obtain a differential
measurement. Based on additional measurements of the
inductor ripple current and the on-time, tON, and off-time,
tOFF,ofthetopswitch,thevalueoftheparasiticinductance
was determined to be 0.5nH using the equation:
ESL =
VESL(STEP)
∆IL
•
tON • tOFF
tON + tOFF
(1)
If the RC time constant is chosen to be close to the para-
sitic inductance divided by the sense resistor (L/R), the
resultant waveform looks resistive, as shown in Figure 27.
For applications using low maximum sense voltages,
check the sense resistor manufacturer’s data sheet for
information about parasitic inductance. In the absence of
data, measure the voltage drop directly across the sense
resistor to extract the magnitude of the ESL step and use
Equation1todeterminetheESL.However,donotoverfilter
the signal. Keep the RC time constant less than or equal to
the inductor time constant to maintain a sufficient ripple
voltage on VRSENSE for optimal operation of the current
loop controller.
INDUCTOR DCR CURRENT SENSING
For applications requiring the highest possible efficiency
at high load currents, the LTC7880 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 25a. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such an
inductor, conduction loss through a sense resistor would
reduce the efficiency by a few percent compared to DCR
sensing.
If R1 = R3 and the external (R1 + R3)||R2 • C1 time con-
stant is chosen to be exactly equal to the 2 • L/DCR time
constant, assuming R1 = R3, the voltage drop across
the external capacitor,C1, is equal to the drop across the
inductor DCR multiplied by R2/(R1 + R2 + R3). R2 scales
the voltage across the sense terminals for applications
where the DCR is greater than the target sense resistor
value. The DCR value is entered as the IOUT_CAL_GAIN
in mΩ unless R2 is required. If R2 is used:
IOUT _ CAL _ GAIN = DCR •
R2
R1+ R2 + R3
R2 can be removed if there is no need to attenuate the
current sense signal in order to remain within the desired
current sense range. To properly select the external filter
components, the DCR of the inductor must be known. It
can be measured using an accurate RLC meter, but the
DCR tolerance is not always the same and varies with
temperature. Consult the inductor manufacturers’ data
sheets for detailed information. The LTC7880 will correct
for temperature variation if the correct temperature coef-
ficient value is entered into the MFR_IIN_CAL_GAIN_TC
command. Typically the resistance has a 3900ppm/°C
coefficient.
500ns/DIV
VSENSE
20mV/DIV
7880 F26
VESL(STEP)
500ns/DIV
VSENSE
20mV/DIV
7880 F27
Figure 26. Voltage Measured Directly Across RSENSE
Figure 27. Voltage Measured After the RSENSE Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com