Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC3882
Description  60V Dual Output Step-Up Controller with Digital Power System Management
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 76Page - Analog Devices LTC3882 Datasheet HTML 77Page - Analog Devices LTC3882 Datasheet HTML 78Page - Analog Devices LTC3882 Datasheet HTML 79Page - Analog Devices LTC3882 Datasheet HTML 80Page - Analog Devices LTC3882 Datasheet HTML 81Page - Analog Devices LTC3882 Datasheet HTML 82Page - Analog Devices LTC3882 Datasheet HTML 83Page - Analog Devices LTC3882 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
LTC7880
80
Rev 0
For more information www.analog.com
PMBus COMMAND DETAILS
MFR_VOUT_MAX
The MFR_VOUT_MAX command is the maximum output voltage in volts for each channel, including VOUT_OV_FAULT_
LIMIT. If the output voltages are set to high range (Bit 1 of MFR_PWM_CONFIG_LTC7880 set to a 0) MFR_VOUT_MAX
is 60V. If the output voltage is set to low range (Bit 1 of MFR_PWM_CONFIG_LTC7880 set to a 1) the MFR_VOUT_MAX
is 30V. Entering a VOUT_COMMAND value greater than this will result in a CML fault and the output voltage setting
will be clamped to the maximum level. This will also result in Bit 3 VOUT_MAX_Warning in the STATUS_VOUT com-
mand being set.
This read only command has 2 data bytes and is formatted in Linear_16u format.
CURRENT AND LIMITS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE
IOUT_CAL_GAIN
0x38
The ratio of the voltage at the output
current sense pins to the sensed
current. For devices using a fixed
current sense resistor, it is the
resistance value in mΩ.
R/W Word
N
L11
mΩ
Y
5.0
0xCA80
MFR_IIN_CAL_GAIN_TC
0xF6
Temperature coefficient of the current
sensing element.
R/W Word
Y
CF
Y
0
0x0000
IIN_OC_FAULT_LIMIT
0x5B
Input overcurrent fault limit.
R/W Word
Y
L11
A
Y
25
0xDB20
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command is used to set the resistance value of the channel 0 output current sense resistor in
milliohms.
This command has two data bytes and is formatted in Linear_5s_11s format.
MFR_IIN_CAL_GAIN_TC
The MFR_IIN_CAL_GAIN_TC command allows the user to program the temperature coefficient of the IIN_CAL_GAIN
sense resistor or inductor DCR in ppm/°C.
This command has two data bytes and is formatted in 16-bit 2’s complement integer ppm. N = –32768 to 32767 •
10–6. Nominal temperature is 27°C. The IIN_CAL_GAIN is multiplied by:
[1.0 + MFR_IIN_CAL_GAIN_TC • (READ_TEMPERATURE_1-27)]. DCR sensing will have a typical value of 3900.
The MFR_IIN_CAL_GAIN and MFR_IIN_CAL_GAIN_TC impact all current parameters including: READ_IIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com