Electronic Components Datasheet Search
  English  ▼

X  

2909511 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2909511
Description  Relay Module - PLC-RSC-120UC/21-21/EX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909511 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2909511 Datasheet HTML 1Page - PHOENIX CONTACT 2909511 Datasheet HTML 2Page - PHOENIX CONTACT 2909511 Datasheet HTML 3Page - PHOENIX CONTACT 2909511 Datasheet HTML 4Page - PHOENIX CONTACT 2909511 Datasheet HTML 5Page - PHOENIX CONTACT 2909511 Datasheet HTML 6Page - PHOENIX CONTACT 2909511 Datasheet HTML 7Page - PHOENIX CONTACT 2909511 Datasheet HTML 8Page - PHOENIX CONTACT 2909511 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
https://www.phoenixcontact.com/pi/products/2909511
10/27/2021   Page 1 / 16
Relay Module - PLC-RSC-120UC/21-21/EX - 2909511
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of DIN-rail-mountable basic terminal block in 14 mm with screw connection
and plug-in relay with power contact, 2 changeover contacts, 120 V AC/110 V DC input voltage. Approved
according to ATEX/IECEx (Zone 2) and Ex Zone Class I, Div. 2.
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626363141
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
14 mm
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C (UL)
-40 °C ... 60 °C (ATEX / IECEx)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Degree of protection
RT III (Relay)
IP20 (Relay base)
Coil side
Nominal input voltage UN
120 V AC
110 V DC


Similar Part No. - 2909511

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909512 PHOENIX-2909512 Datasheet
430Kb / 15P
Relay Module - PLC-RSC-230UC/21-21/EX
2909513 PHOENIX-2909513 Datasheet
444Kb / 15P
Relay Module - PLC-RPT-12DC/21-21/EX
2909514 PHOENIX-2909514 Datasheet
448Kb / 16P
Relay Module - PLC-RPT- 24DC/21-21/EX
2909515 PHOENIX-2909515 Datasheet
449Kb / 16P
Relay Module - PLC-RPT-120UC/21-21/EX
10/27/2021
2909516 PHOENIX-2909516 Datasheet
439Kb / 15P
Relay Module - PLC-RPT-230UC/21-21/EX
10/27/2021
More results

Similar Description - 2909511

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902956 PHOENIX-2902956 Datasheet
107Kb / 10P
Relay Module - PLC-RSC-120UC/21 ATEX
2966197 PHOENIX-2966197 Datasheet
123Kb / 6P
Relay Module - PLC-RSC-120UC/21
2967086 PHOENIX-2967086 Datasheet
107Kb / 6P
Relay Module - PLC-RSC-120UC/21-21
2967138 PHOENIX-2967138 Datasheet
97Kb / 6P
Relay Module - PLC-RSC-120UC/21-21AU
2909525 PHOENIX-2909525 Datasheet
435Kb / 14P
Relay Module - PLC-RSC-120UC/21/EX
2909509 PHOENIX-2909509 Datasheet
433Kb / 16P
Relay Module - PLC-RSC- 24DC/21-21/EX
2909512 PHOENIX-2909512 Datasheet
430Kb / 15P
Relay Module - PLC-RSC-230UC/21-21/EX
5603157 PHOENIX-5603157 Datasheet
289Kb / 9P
Relay Module - PLC-RSC-120UC/21/C1D2
10/27/2021
2909515 PHOENIX-2909515 Datasheet
449Kb / 16P
Relay Module - PLC-RPT-120UC/21-21/EX
10/27/2021
2909517 PHOENIX-2909517 Datasheet
346Kb / 15P
Relay Module - PLC-RSC-12DC/21-21/EX
10/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com