Electronic Components Datasheet Search
  English  ▼

X  

2909511 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 2909511
Description  Relay Module - PLC-RSC-120UC/21-21/EX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909511 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 2909511 Datasheet HTML 8Page - PHOENIX CONTACT 2909511 Datasheet HTML 9Page - PHOENIX CONTACT 2909511 Datasheet HTML 10Page - PHOENIX CONTACT 2909511 Datasheet HTML 11Page - PHOENIX CONTACT 2909511 Datasheet HTML 12Page - PHOENIX CONTACT 2909511 Datasheet HTML 13Page - PHOENIX CONTACT 2909511 Datasheet HTML 14Page - PHOENIX CONTACT 2909511 Datasheet HTML 15Page - PHOENIX CONTACT 2909511 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
https://www.phoenixcontact.com/pi/products/2909511
10/27/2021   Page 16 / 16
Relay Module - PLC-RSC-120UC/21-21/EX - 2909511
Accessories
Marker for terminal blocks - UCT-TM 12 - 0829144
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0,
THERMOMARK CARD, mounting type: snap into tall marker groove, for terminal block width: 12 mm, lettering field
size: 10.8 x 9.6 mm, Number of individual labels: 30
 
 
Spare parts
Single relay - REL-MR-110DC/21-21/EX - 2908824
Plug-in miniature power relay, RT III sealed with power contacts, 2 changeover contacts, input voltage: 110 V DC,
in connection with the corresponding PLC base approved in accordance with ATEX/IECEx (zone 2) and Ex zone
class I, div. 2.
 
 
Phoenix Contact 2021 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com