Electronic Components Datasheet Search
  English  ▼

X  

2909511 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2909511
Description  Relay Module - PLC-RSC-120UC/21-21/EX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909511 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2909511 Datasheet HTML 8Page - PHOENIX CONTACT 2909511 Datasheet HTML 9Page - PHOENIX CONTACT 2909511 Datasheet HTML 10Page - PHOENIX CONTACT 2909511 Datasheet HTML 11Page - PHOENIX CONTACT 2909511 Datasheet HTML 12Page - PHOENIX CONTACT 2909511 Datasheet HTML 13Page - PHOENIX CONTACT 2909511 Datasheet HTML 14Page - PHOENIX CONTACT 2909511 Datasheet HTML 15Page - PHOENIX CONTACT 2909511 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
https://www.phoenixcontact.com/pi/products/2909511
10/27/2021   Page 13 / 16
Relay Module - PLC-RSC-120UC/21-21/EX - 2909511
Accessories
Marker for terminal blocks - ZB10,LGS:U-N - 1053438
Marker for terminal blocks, Strip, white, labeled, can be labeled with: CMS-P1-PLOTTER, horizontal: U, V, W, N,
GND, U, V, W, N, GND, mounting type: snap into tall marker groove, for terminal block width: 10.2 mm, lettering field
size: 10.15 x 10.5 mm, Number of individual labels: 10
 
 
Marker for terminal blocks - UC-TM 10 CUS - 0824605
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into tall marker groove, for terminal block width: 10.2 mm, lettering field size: 9.6 x 10.5 mm, Number of
individual labels: 48
 
 
Marker for terminal blocks - UCT-TM 10 CUS - 0829623
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into tall marker groove, for terminal block width: 10.2 mm, lettering field size: 8.9 x 9.6 mm, Number of
individual labels: 36
 
 
Zack marker strip - ZB 12 CUS - 0824942
Zack marker strip, can be ordered: Strip, white, labeled according to customer specifications, mounting type: snap
into tall marker groove, for terminal block width: 12.2 mm, lettering field size: 10.5 x 12.15 mm, Number of individual
labels: 5
 
 
Zack marker strip - ZB 12,LGS:L1-N,PE - 0812146
Zack marker strip, Strip, white, labeled, printed horizontally: L1, L2, L3, N, PE, mounting type: snap into tall marker
groove, for terminal block width: 12.2 mm, lettering field size: 10.5 x 12.15 mm, Number of individual labels: 5
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com