Electronic Components Datasheet Search
  English  ▼

X  

2909511 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2909511
Description  Relay Module - PLC-RSC-120UC/21-21/EX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909511 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2909511 Datasheet HTML 1Page - PHOENIX CONTACT 2909511 Datasheet HTML 2Page - PHOENIX CONTACT 2909511 Datasheet HTML 3Page - PHOENIX CONTACT 2909511 Datasheet HTML 4Page - PHOENIX CONTACT 2909511 Datasheet HTML 5Page - PHOENIX CONTACT 2909511 Datasheet HTML 6Page - PHOENIX CONTACT 2909511 Datasheet HTML 7Page - PHOENIX CONTACT 2909511 Datasheet HTML 8Page - PHOENIX CONTACT 2909511 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
https://www.phoenixcontact.com/pi/products/2909511
10/27/2021   Page 2 / 16
Relay Module - PLC-RSC-120UC/21-21/EX - 2909511
Technical data
Coil side
Typical input current at UN
4.5 mA (UN = 120 V AC)
4.2 mA (UN = 110 V DC)
Typical response time
7 ms
Typical release time
10 ms
Protective circuit
Bridge rectifier Bridge rectifier
Operating voltage display
Yellow LED
Power dissipation for nominal condition
0.54 W
Contact side
Contact type
2 changeover contacts
Type of switch contact
Single contact
Contact material
AgNi
Maximum switching voltage
250 V AC/DC (The separating plate PLC-ATP should be installed for
voltages larger than 250 V (L1, L2, L3) between identical terminal blocks
in adjacent modules. Potential bridging is then carried out with FBST 8-
PLC... or ...FBST 500...)
Minimum switching voltage
5 V AC/DC (at 10 mA)
Min. switching current
10 mA (At 5 V)
Maximum inrush current
15 A (300 ms)
Limiting continuous current
6 A
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
85 W (at 48 V DC)
60 W (at 60 V DC)
44 W (at 110 V DC)
60 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity
2 A (at 24 V, DC13)
0.2 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
3 A (at 250 V, AC15)
General
Test voltage
4 kV AC (50 Hz, 1 min., winding/contact)
2.5 kV AC (50 Hz, 1 min., changeover contact/changeover contact)
Operating mode
100% operating factor
Flammability rating according to UL 94
V0 (Housing)
Mechanical service life
3x 107 cycles
Mounting position
any
Assembly instructions
in rows with zero spacing
Connection data
Connection name
Coil side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com