Electronic Components Datasheet Search
  English  ▼

X  

2909511 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 2909511
Description  Relay Module - PLC-RSC-120UC/21-21/EX
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909511 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 2909511 Datasheet HTML 8Page - PHOENIX CONTACT 2909511 Datasheet HTML 9Page - PHOENIX CONTACT 2909511 Datasheet HTML 10Page - PHOENIX CONTACT 2909511 Datasheet HTML 11Page - PHOENIX CONTACT 2909511 Datasheet HTML 12Page - PHOENIX CONTACT 2909511 Datasheet HTML 13Page - PHOENIX CONTACT 2909511 Datasheet HTML 14Page - PHOENIX CONTACT 2909511 Datasheet HTML 15Page - PHOENIX CONTACT 2909511 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
https://www.phoenixcontact.com/pi/products/2909511
10/27/2021   Page 14 / 16
Relay Module - PLC-RSC-120UC/21-21/EX - 2909511
Accessories
Marker for terminal blocks - UC-TM 12 CUS - 0824613
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into tall marker groove, for terminal block width: 12 mm, lettering field size: 11.45 x 10.5 mm, Number of
individual labels: 40
 
 
Marker for terminal blocks - UCT-TM 12 CUS - 0829630
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer specifications, mounting
type: snap into tall marker groove, for terminal block width: 12 mm, lettering field size: 10.8 x 9.6 mm, Number of
individual labels: 30
 
 
Partition plate
Separating plate - PLC-ATP BK - 2966841
Separating plate, 2 mm thick, required at the start and end of a PLC terminal strip. Furthermore, it is used for: visual
separation of groups, safe isolation of different voltages of neighboring PLC relays in acc. with DIN VDE 0106-101,
isolation
 
 
Power module
Power terminal block - PLC-ESK GY - 2966508
Power terminal block, for the input of up to four potentials, for mounting on NS 35/7.5
 
 
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Terminal marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com