Electronic Components Datasheet Search
  English  ▼

X  

ML54053 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML54053
Description  NAND Flash Memory Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML54053 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML54053 Datasheet HTML 2Page - OKI electronic componets ML54053 Datasheet HTML 3Page - OKI electronic componets ML54053 Datasheet HTML 4Page - OKI electronic componets ML54053 Datasheet HTML 5Page - OKI electronic componets ML54053 Datasheet HTML 6Page - OKI electronic componets ML54053 Datasheet HTML 7Page - OKI electronic componets ML54053 Datasheet HTML 8Page - OKI electronic componets ML54053 Datasheet HTML 9Page - OKI electronic componets ML54053 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
¡ Semiconductor
ML54053
2/22
1. FEATURES
• Single chip controller with internal microcontroller (min. 4 cycles/instruction execution)
• Operating voltage: 3.3 V, Interface voltage: 3.3 V/5 V
• Internal 256B RAM for card information structure (CIS) storage
• Conforms to CompactFlash specification
• Auto-sleep mode support
• True IDE Mode support
• ECC system by BCH code (3-bit random error correction is possible for user data and ECC data)
• Substitute control function (defect management function)
• Debug mode support
• High-speed operation via dual port bus control
• Low power consumption due to single chip controller
• Control of four NAND flash memories (64MB to 512MB) is possible
• 120-pin TQFP package
(TQFP120-P-1414-0.40-K)
2. BLOCK DIAGRAM
Host I/F
PCMCIA
ATA
NAND
Flash
Bus
CompactFlash
I/F
CIS
Media I/F
ECC
Internal RAM
MPU
RAM
ROM
External
CPU Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com