Electronic Components Datasheet Search
  English  ▼

X  

ML54053 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML54053
Description  NAND Flash Memory Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML54053 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML54053 Datasheet HTML 4Page - OKI electronic componets ML54053 Datasheet HTML 5Page - OKI electronic componets ML54053 Datasheet HTML 6Page - OKI electronic componets ML54053 Datasheet HTML 7Page - OKI electronic componets ML54053 Datasheet HTML 8Page - OKI electronic componets ML54053 Datasheet HTML 9Page - OKI electronic componets ML54053 Datasheet HTML 10Page - OKI electronic componets ML54053 Datasheet HTML 11Page - OKI electronic componets ML54053 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
¡ Semiconductor
ML54053
4/22
3.2 NAND Flash Memory Interface
Signal Name
maio [7:0]
macle
maale
maren
mawen
marbn
mbio [7:0]
mbcle
mbale
mbren
mbwen
Type
B
O
O
O
O
I
B
O
O
O
O
Pin Count
8
1
1
1
1
1
8
1
1
1
1
Description
Port A I/O bus
Port A command latch enable signal (signal to control latching of an
operation command into a device)
Port A address latch enable signal (signal to control latching of an address
or input data into a device)
Port A read enable signal
Port A write enable signal (signal to latch data into a device)
Port A ready/busy signal (signal to check internal status of device)
Port B I/O bus
Port B command latch enable signal (signal to control latching of an
operation command into a device)
Port B address latch enable signal (signal to control latching of an address
or input data into a device)
Port B read enable signal
Port B write enable signal (signal to latch data into a device)
mbrbn
I
1
Port B ready/busy signal (signal to check internal status of device)
mcen [3:0]
O
4
Chip enable signals
Total 31 pins
mwpn
O
1
Write protect signal (signal to forcibly prohibit write and erase operations)
3.3 Extended Bus Interface
The extended bus interface is a signal line for the ML54053’s internal microcontroller. The
extended bus interface is used for purposes such as debugging.
*
In an external ROM connection mode, xah, xad, xrd, xwr, and xale are used to connect to
external ROM.
Signal Name
xah [15:8]
Type
B
Pin Count
8
Description
Address bus for extended bus
Total 23 pins
xad [7:0]
B
8
Address/data bus for extended bus
xrd
B
1
Read signal for extended bus
xwr
B
1
Write signal for extended bus
xale
B
1
Address latch enable signal for extended bus
xpsen
I
1
Program store enable signal for extended bus
xint
O
1
Interrupt signal for extended bus
xrst
O
1
Reset signal for extended bus
xclk
O
1
Clock signal for extended bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com