Electronic Components Datasheet Search
  English  ▼

X  

ML54053 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML54053
Description  NAND Flash Memory Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML54053 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML54053 Datasheet HTML 8Page - OKI electronic componets ML54053 Datasheet HTML 9Page - OKI electronic componets ML54053 Datasheet HTML 10Page - OKI electronic componets ML54053 Datasheet HTML 11Page - OKI electronic componets ML54053 Datasheet HTML 12Page - OKI electronic componets ML54053 Datasheet HTML 13Page - OKI electronic componets ML54053 Datasheet HTML 14Page - OKI electronic componets ML54053 Datasheet HTML 15Page - OKI electronic componets ML54053 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
¡ Semiconductor
ML54053
8/22
5. ATA REGISTERS
When a mode such as memory mode or I/O mode is configured, the host must use different
addresses for access.
5.1 Memory Mapped Configuration
* Don't care
-CE1 -CE2 -REG A10 A9-A4 A3-A0
Read (-OE = L)
Write (-WE = L)
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
0
0
0
1
0
0
1
0
0
1
0
0
1
0
0
0
1
0
1
0
0
1
0
0
0
1
0
1
1
0
1
1
0
1
1
0
1
1
0
0
1
1
0
1
0
1
1
0
0
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
*
(000x)
0h
1h
(000x)
2h
3h
(001x)
4h
5h
(010x)
6h
7h
(011x)
(100x)
8h
9h
(100x)
Dh
(110x)
Eh
Fh
(111x)
*
(xxx0)
(xxx1)
*
16-bit Data
8-bit Data
Error
Error
Sector Count
Sector Number
Sector Number
Cylinder Low
Cylinder High
Cylinder High
Drive/Head
Status
Status
Duplicate Data
Duplicate Even
Duplicate Odd
Duplicate Odd
Duplicate Error
Duplicate Error
Alternate Status
Drive Address
Drive Address
16-bit Data
Even Data
Odd Data
Odd Data
16-bit Data
8-bit Data
Features
Features
Sector Count
Sector Number
Sector Number
Cylinder Low
Cylinder High
Cylinder High
Drive/Head
Command
Command
Duplicate Data
Duplicate Even
Duplicate Odd
Duplicate Odd
Duplicate Features
Duplicate Features
Device Control
Not Used
Not Used
16-bit Data
Even Data
Odd Data
Odd Data
D15 : D0
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D15 : D0
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D15 : D0
D7 : D0
D7 : D0
D15 : D8
D15 : D0
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D7 : D0
D15 : D8
D15 : D0
D7 : D0
D7 : D0
D15 : D8
D7 : D0
D15 : D8
D7 : D0
D15 : D0
D7 : D0
D7 : D0
D15 : D8
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com