Electronic Components Datasheet Search
  English  ▼

X  

ML54053 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML54053
Description  NAND Flash Memory Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML54053 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML54053 Datasheet HTML 5Page - OKI electronic componets ML54053 Datasheet HTML 6Page - OKI electronic componets ML54053 Datasheet HTML 7Page - OKI electronic componets ML54053 Datasheet HTML 8Page - OKI electronic componets ML54053 Datasheet HTML 9Page - OKI electronic componets ML54053 Datasheet HTML 10Page - OKI electronic componets ML54053 Datasheet HTML 11Page - OKI electronic componets ML54053 Datasheet HTML 12Page - OKI electronic componets ML54053 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
¡ Semiconductor
ML54053
5/22
*
The chip mode is determined depending upon the status of pcfg[1:0] when the porn signal
rises.
pcfg[1:0] = 11 : Normal mode
pcfg[1:0] = 01 : External CPU connection mode
pcfg[1:0] = 10 : External ROM connection mode
pcfg[1:0] = 00 : Test mode (normally not used)
3.4 Other Interfaces
Signal Name
txd/pcfg [0]
Type
B
Pin Count
1
Description
Serial data I/O and chip mode setting
Total 5 pins
rxd/pcfg [1]
I
1
porn
I
1
Power-on-reset signal (connect to power monitor circuit)
xin
I
1
Clock I/O (connect a crystal oscillator between xin and xout)
xout
O
1
3.5 Power Supply
3.6 Pin Totals
Signal Name
VDD-CORE
Type
DC
Pin Count
2
Description
Power supply for core
Total 19 pins
VSS-CORE
DC
2
VDD
DC
6
Power supply for I/O pad
VSS
DC
9
NAND Flash Memory Interface
31
Host Interface
42
Extended Bus Interface
23
Other Interfaces
5
Power Supply
19
Total
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com