Electronic Components Datasheet Search
  English  ▼

X  

DLP160AP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLP160AP
Description  DLP160AP 0.16 QnHD DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP160AP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP160AP Datasheet HTML 8Page - Texas Instruments DLP160AP Datasheet HTML 9Page - Texas Instruments DLP160AP Datasheet HTML 10Page - Texas Instruments DLP160AP Datasheet HTML 11Page - Texas Instruments DLP160AP Datasheet HTML 12Page - Texas Instruments DLP160AP Datasheet HTML 13Page - Texas Instruments DLP160AP Datasheet HTML 14Page - Texas Instruments DLP160AP Datasheet HTML 15Page - Texas Instruments DLP160AP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
6.7 Timing Requirements (continued)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
tLVDS-
ENABLE+REFGEN
Power-up receiver(4)
2000
ns
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 6-3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 6-3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
LS_ WDATA
LS_CLK
tw(H)
tw(L)
tc
50%
50%
50%
50%
50%
th
tsu
twindow
Low-speed interface is LPSDR and adheres to the Section 6.6 and AC/DC Operating Conditions table in JEDEC Standard No. 209B,
Low Power Double Data Rate (LPDDR) JESD209B.
Figure 6-2. LPSDR Switching Parameters
0.0 * VDD
0.2 * VDD
0.3 * VDD
0.7 * VDD
0.8 * VDD
1.0 * VDD
VIH(AC)
VIH(DC)
VIL(DC)
VIL(AC)
tf
tr
LS_CLK, LS_WDATA
0.0 * VDD
0.2 * VDD
0.8 * VDD
1.0 * VDD
tf
tr
DMD_DEN_ARSTZ
Figure 6-3. LPSDR Input Rise and Fall Slew Rate
DLP160AP
DLPS226 – OCTOBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP160AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com