Electronic Components Datasheet Search
  English  ▼

X  

DLP160AP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLP160AP
Description  DLP160AP 0.16 QnHD DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLP160AP Datasheet(HTML) 3 Page - Texas Instruments

  DLP160AP Datasheet HTML 1Page - Texas Instruments DLP160AP Datasheet HTML 2Page - Texas Instruments DLP160AP Datasheet HTML 3Page - Texas Instruments DLP160AP Datasheet HTML 4Page - Texas Instruments DLP160AP Datasheet HTML 5Page - Texas Instruments DLP160AP Datasheet HTML 6Page - Texas Instruments DLP160AP Datasheet HTML 7Page - Texas Instruments DLP160AP Datasheet HTML 8Page - Texas Instruments DLP160AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
Figure 5-1. FQT Package 35-Pin
14
8
5
6
11
10
9
12
7
13
1
2
3
4
A
B
C
D
E
Table 5-1. Connector Pins
PIN(1)
PACKAGE NET
LENGTH (mm)(2)
NAME
NO.
TYPE
SIGNAL
DATA RATE
DESCRIPTION
DATA INPUTS
D_N(0)
A2
I
SubLVDS
Double
Data, negative
1.91
D_N(1)
A4
I
SubLVDS
Double
Data, negative
3.6
D_N(2)
D4
I
SubLVDS
Double
Data, negative
3.28
D_N(3)
E2
I
SubLVDS
Double
Data, negative
1.67
D_P(0)
A3
I
SubLVDS
Double
Data, positive
2.03
D_P(1)
B4
I
SubLVDS
Double
Data, positive
3.7
D_P(2)
E4
I
SubLVDS
Double
Data, positive
3.39
D_P(3)
E3
I
SubLVDS
Double
Data, positive
1.77
DCLK_N
C3
I
SubLVDS
Double
Clock, negative
2.29
DCLK_P
C4
I
SubLVDS
Double
Clock, positive
2.4
CONTROL INPUTS
LS_WDATA
C12
I
LPSDR
Single
Write data for low-
speed interface
1.55
LS_CLK
C13
I
LPSDR
Single
Clock for low-
speed interface
1.65
DMD_DEN_ARST
Z
D12
I
LPSDR
Single
Asynchronous
reset DMD signal.
A low signal
places the DMD
in reset. A high
signal releases the
DMD from reset
and places it in
active mode.
1.57
LS_RDATA
D13
O
LPSDR
Single
1.43
POWER
VBIAS (3)
A13
Power
Supply voltage for
positive bias level
at micromirrors
www.ti.com
DLP160AP
DLPS226 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DLP160AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com