Electronic Components Datasheet Search
  English  ▼

X  

MBF9045BC Datasheet(PDF) 4 Page - OKI electronic componets

Part # MBF9045BC
Description  SAW Antenna Duplexer (700 to 1000 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9045BC Datasheet(HTML) 4 Page - OKI electronic componets

  MBF9045BC Datasheet HTML 1Page - OKI electronic componets MBF9045BC Datasheet HTML 2Page - OKI electronic componets MBF9045BC Datasheet HTML 3Page - OKI electronic componets MBF9045BC Datasheet HTML 4Page - OKI electronic componets MBF9045BC Datasheet HTML 5Page - OKI electronic componets MBF9045BC Datasheet HTML 6Page - OKI electronic componets MBF9045BC Datasheet HTML 7Page - OKI electronic componets MBF9045BC Datasheet HTML 8Page - OKI electronic componets MBF9045BC Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FEDW9045BC-03
OKI Semiconductor
MBF9045BC
4/11
ELECTRICAL CHARACTERISTICS
(Ta = –30 to +85°C)
Parameter
Condition
Mini.
Typ.
Max.
Unit/Notes
Tx
→ Antenna
a)
Insertion loss
—
2.0
2.5
b)
Passband ripple
—
0.7
1.5
dB
VSWR ANT Port
1.8
2.2
c)
VSWR Tx Port
824 to 849 MHz
—
1.8
2.5
500 to 800 MHz
12
14
869 to 894 MHz
40
45
—
900 to 1600MHz
13
17
—
1648 to 1698 MHz
10
15
—
d)
Absolute attenuation
2472 to 2547 MHz
2
3
—
dB
Antenna
→ Rx
a)
Insertion loss
—
3.3
4.0
b)
Passband ripple
—
1.0
2.0
dB
VSWR ANT Port
—
2.0
2.5
c)
VSWR Rx Port
869 to 894 MHz
—
1.8
2.1
824 to 849 MHz
50
60
—
960 to 990 MHz
35
42
—
1050 to 1080 MHz
35
43
—
1140 to 1170 MHz
35
46
—
d)
Absolute attenuation
1230 to 1270 MHz
35
45
—
dB
Isolation TX
→ RX
824 to 849 MHz
55
60
—
dB
a)
Absolute attenuation
869 to 894 MHz
43
49
—
dB
Note: Electrical characteristics described above is guaranteed by the following measurement and
equipment condition.
1) Test board: See next page
2) Measurement machine : Network analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com