Electronic Components Datasheet Search
  English  ▼

X  

MBF9045BC Datasheet(PDF) 5 Page - OKI electronic componets

Part # MBF9045BC
Description  SAW Antenna Duplexer (700 to 1000 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9045BC Datasheet(HTML) 5 Page - OKI electronic componets

  MBF9045BC Datasheet HTML 1Page - OKI electronic componets MBF9045BC Datasheet HTML 2Page - OKI electronic componets MBF9045BC Datasheet HTML 3Page - OKI electronic componets MBF9045BC Datasheet HTML 4Page - OKI electronic componets MBF9045BC Datasheet HTML 5Page - OKI electronic componets MBF9045BC Datasheet HTML 6Page - OKI electronic componets MBF9045BC Datasheet HTML 7Page - OKI electronic componets MBF9045BC Datasheet HTML 8Page - OKI electronic componets MBF9045BC Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FEDW9045BC-03
OKI Semiconductor
MBF9045BC
5/11
Test Board
18.0
5.56
5.88
5.86
2.0
1.75 1.75 1.75
2.0
1.75
1.75
1.75
7.6
1.0
0.8
1.0
7.6
0.27
1.75 1.75
2.5
6.85
1.4
1.4
6.85
2.5
0.3
0.1
0.6
‚`
Tx
ANT
9045-C2
OKI



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com