Electronic Components Datasheet Search
  English  ▼

X  

MBF9045BC Datasheet(PDF) 1 Page - OKI electronic componets

Part # MBF9045BC
Description  SAW Antenna Duplexer (700 to 1000 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9045BC Datasheet(HTML) 1 Page - OKI electronic componets

  MBF9045BC Datasheet HTML 1Page - OKI electronic componets MBF9045BC Datasheet HTML 2Page - OKI electronic componets MBF9045BC Datasheet HTML 3Page - OKI electronic componets MBF9045BC Datasheet HTML 4Page - OKI electronic componets MBF9045BC Datasheet HTML 5Page - OKI electronic componets MBF9045BC Datasheet HTML 6Page - OKI electronic componets MBF9045BC Datasheet HTML 7Page - OKI electronic componets MBF9045BC Datasheet HTML 8Page - OKI electronic componets MBF9045BC Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OKI Semiconductor
FEDW9045BC-03
Issue Date: Dec. 16. 2002
MBF9045BC
SAW Antenna Duplexer (700 to 1000 MHz)
1/11
GENERAL DESCRIPTION
The MBF9045BC is the SAW antenna duplexer for the frequency range of 700 to 1000 MHz.
This SAW Duplexer integrates RF filters at Tx and Rx side, and matching circuit into PKG. This helps to save the
space and weight greatly in the target application such as mobile telephone.
This SAW Duplexer has very low insertion loss by using high quality package.
Due to high harmonics characteristics, total number of components at RF circuit can be minimized.
Thanks to high isolation performance, high sensitivity can be expected. Low insertion loss at Tx saves the power
consumption of mobile telephone which prolong the battery life.
FEATURES
• Complying Standard AMPS, IS-95, IS-136
• Small package: 5mm x 5mm & less than 1.8 mm in height
• PKG I/O Impedance: 50 Ω
PRODUCT DESCRIPTION
Package Type
MBF9045BC
XX X
Y
C
4 5
Tx
ANT
Rx


Similar Part No. - MBF9045BC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
More results

Similar Description - MBF9045BC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
SAW Duplexer (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
SAW Filter (700 to 1000 MHz)
logo
Mini-Circuits
JSPHS-1000 MINI-JSPHS-1000 Datasheet
73Kb / 1P
180짰Voltage Variable, 700 to 1000 MHz
logo
OKI electronic componet...
MBF9041BB OKI-MBF9041BB Datasheet
84Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
SAW Antenna Duplexer (700 to 1000 MHz)
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com