Electronic Components Datasheet Search
  English  ▼

X  

MBF9045BC Datasheet(PDF) 7 Page - OKI electronic componets

Part # MBF9045BC
Description  SAW Antenna Duplexer (700 to 1000 MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9045BC Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MBF9045BC Datasheet HTML 3Page - OKI electronic componets MBF9045BC Datasheet HTML 4Page - OKI electronic componets MBF9045BC Datasheet HTML 5Page - OKI electronic componets MBF9045BC Datasheet HTML 6Page - OKI electronic componets MBF9045BC Datasheet HTML 7Page - OKI electronic componets MBF9045BC Datasheet HTML 8Page - OKI electronic componets MBF9045BC Datasheet HTML 9Page - OKI electronic componets MBF9045BC Datasheet HTML 10Page - OKI electronic componets MBF9045BC Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FEDW9045BC-03
OKI Semiconductor
MBF9045BC
7/11
REFLOW TEMPERATURE PROFILE
The figure below shows recommended temperature profile of infrared reflow and air reflow. Other type
of reflow is not recommended.
The maximum reflow count is 2 times. Washing of this device after reflow process is prohibited.
Time
Over 200deg: Less than 50sec.
50
100
150
200
250
Degree C
Tempe.
Peak Temp:235-240deg
Less than 20sec.
Maximum Temp:250deg
120-150deg
40-60sec.
1-4deg/sec.
1-4deg/sec.
2-5deg/sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com