Electronic Components Datasheet Search
  English  ▼

X  

MM9Z1 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 28Page - NXP Semiconductors MM9Z1 Datasheet HTML 29Page - NXP Semiconductors MM9Z1 Datasheet HTML 30Page - NXP Semiconductors MM9Z1 Datasheet HTML 31Page - NXP Semiconductors MM9Z1 Datasheet HTML 32Page - NXP Semiconductors MM9Z1 Datasheet HTML 33Page - NXP Semiconductors MM9Z1 Datasheet HTML 34Page - NXP Semiconductors MM9Z1 Datasheet HTML 35Page - NXP Semiconductors MM9Z1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 452 page
background image
32
NXP Semiconductors
MM9Z1_638
ELECTRICAL CHARACTERISTICS
4.6.5
PLL electrical specifications
4.6.5.1
Reset, oscillator and PLL
4.6.5.2
Phase locked loop
4.6.5.2.1
Jitter information
With each transition of the feedback clock, the deviation from the reference clock is measured and the input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the VCOCLK frequency. Noise, voltage, temperature and other
factors cause slight variations in the control loop resulting in a clock jitter. This jitter affects the real minimum and maximum clock periods
as illustrated in Figure 8.
23
N-1
N
1
0
tNOM
tMAX1
tMIN1
tMAXN
tMINN
Figure 8. Jitter definitions
The relative deviation of tNOM is at its maximum for one clock period, and decreases towards zero for larger number of clock periods (N).
Defining the jitter as:
JN
()
max 1
tmax N
()
Ntnom
⋅
-----------------------
–
1
tmin N
()
Ntnom
⋅
-----------------------
–
,



=
The following equation is a good fit for the maximum jitter:
JN
()
j1
N
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com