Electronic Components Datasheet Search
  English  ▼

X  

MM9Z1 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 35Page - NXP Semiconductors MM9Z1 Datasheet HTML 36Page - NXP Semiconductors MM9Z1 Datasheet HTML 37Page - NXP Semiconductors MM9Z1 Datasheet HTML 38Page - NXP Semiconductors MM9Z1 Datasheet HTML 39Page - NXP Semiconductors MM9Z1 Datasheet HTML 40Page - NXP Semiconductors MM9Z1 Datasheet HTML 41Page - NXP Semiconductors MM9Z1 Datasheet HTML 42Page - NXP Semiconductors MM9Z1 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 452 page
background image
NXP Semiconductors
39
MM9Z1_638
ELECTRICAL CHARACTERISTICS
Table 49. Electromagnetic compatibility
Ratings
Symbol
Value / limit
Unit
ESD - Human Body Model (HBM) following AEC-Q100 / JESD22-A114
(CZAP = 100 pF, RZAP = 1500 Ω)
• LIN (all GNDs shorted)
• All other Pins
VHBM
±8.0
±2.0
kV
ESD - Charged Device Model (CDM) following AEC-Q100
• Corner Pins
• All other Pins
VCDM
±750
±500
V
ESD - Machine Model (MM) following AEC-Q100 (CZAP = 200 pF, RZAP = 0 Ω), All Pins
VMM
±200
V
Latch-up current at TA = 125 °C(68)
ILAT
±100
mA
ESD GUN - LIN Conformance Test Specification(69), unpowered, contact discharge. (CZAP=
150 pF, RZAP = 330 Ω);
LIN (no bus filter CBUS)
Vsup with Cvsup capacitors (4.7 µF and 100 nF)
Vsense[3..0] with serial 2.2 k
Ω
PTB4 with serial 47 k
Ω and 2.2 nF (external wake-up configuration)
PTB[4..0] with serial 2.2 k
Ω and 2.2 nF to gnd (external Tsense configuration)
VDDA with 100 k
Ω and 47 nF to gnd
PTB5 with serial 1.0 k
Ω, 2.2 nF and 5.1 V zener diode
± 8.0
kV
ESD GUN - IEC 61000-4-2 Test Specification(70), unpowered, contact discharge. (CZAP=
150 pF, RZAP = 330 Ω);
LIN (no bus filter CBUS)
Vsup with Cvsup capacitors (4.7 µF and 100 nF)
Vsense[3..0] with serial 2.2 k
Ω
PTB4 with serial 47 k
Ω and 2.2 nF (external wake-up configuration)
PTB[4..0] with serial 2.2 k
Ω and 2.2 nF to gnd (external Tsense configuration)
VDDA with 100 k
Ω and 47 nF to gnd
PTB5 with serial 1.0 k
Ω, 2.2 nF and 5.1 V zener diode
± 8.0
kV
ESD GUN - ISO10605(70), unpowered, contact discharge, CZAP= 150 pF,
RZAP = 2.0 kΩ;
LIN (no bus filter CBUS)
Vsup with Cvsup capacitors (4.7 µF and 100 nF)
Vsense[3..0] with serial 2.2 k
Ω
PTB4 with serial 47 k
Ω and 2.2 nF (external wake-up configuration)
PTB[4..0] with serial 2.2 k
Ω and 2.2 nF to gnd (external Tsense configuration)
VDDA with 100 k
Ω and 47 nF to gnd
PTB5 with serial 1.0 k
Ω, 2.2 nF and 5.1 V zener diode
± 8.0
kV
ESD GUN - ISO10605(70), powered, contact discharge, CZAP= 330 pF, RZAP = 2.0 kΩ;
LIN (with bus filter CBUS 220 pF)
Vsup with Cvsup capacitors (4.7 µF and 100 nF)
Vsense[3..0] with serial 2.2 k
Ω
PTB4 with serial 47 k
Ω and 2.2 nF (external wake-up configuration)
PTB[4..0] with serial 2.2 k
Ω and 2.2 nF to gnd (external Tsense configuration)
VDDA with 100 k
Ω and 47 nF to gnd
PTB5 with serial 1k.0
Ω, 2.2 nF and 5.1 V zener diode
± 8.0
kV
Notes:
68.Input Voltage Limit = -2.5 to 7.5 V
69.Tested internally. Certification pending.
70.Tested internally only, following the reference document test procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com