Electronic Components Datasheet Search
  English  ▼

X  

MM9Z1 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MM9Z1
Description  Intelligent battery sensor with CAN and LIN
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MM9Z1 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MM9Z1 Datasheet HTML 64Page - NXP Semiconductors MM9Z1 Datasheet HTML 65Page - NXP Semiconductors MM9Z1 Datasheet HTML 66Page - NXP Semiconductors MM9Z1 Datasheet HTML 67Page - NXP Semiconductors MM9Z1 Datasheet HTML 68Page - NXP Semiconductors MM9Z1 Datasheet HTML 69Page - NXP Semiconductors MM9Z1 Datasheet HTML 70Page - NXP Semiconductors MM9Z1 Datasheet HTML 71Page - NXP Semiconductors MM9Z1 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 452 page
background image
68
NXP Semiconductors
MM9Z1_638
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
0xAC
COMP_VSG (hi)
R
0
0
0
0
0
0
VSGC
Gain voltage compensation
vsense channel
W
COMP_VSG (lo)
R
VSGC
Gain voltage compensation
vsense channel
W
0xAE
COMP_TVSG (hi)
R
0
0
0
TVSGCP
Voltage gain temp
compensation above 25 °C
W
COMP_TVSG (lo)
R
0
0
0
TVSGCN
Voltage gain temp
compensation below 25 °C
W
0xB0
COMP_IG4 (hi)
R
0
0
0
0
0
0
IGC4
Gain current compensation
W
COMP_IG4 (lo)
R
IGC4
Gain current compensation
W
0xB2
COMP_TIG4 (hi)
R
0
0
0
TIGC4P
Gain current compensation
above 25 °C
W
COMP_TIG4 (lo)
R
0
0
0
TIGC4N
Gain current compensation
below 25 °C
W
0xB4
COMP_IG16 (hi)
R
0
0
0
0
0
0
IGC16
Gain current compensation
W
COMP_IG16 (lo)
R
IGC16
Gain current compensation
W
0xB6
COMP_TIG16 (hi)
R
0
0
0
TIGC16P
Gain current compensation
above 25 °C
W
COMP_TIG16 (lo)
R
0
0
0
TIGC16N
Gain current compensation
below 25 °C
W
0xB8
COMP_IG64 (hi)
R
0
0
0
0
0
0
IGC64
Gain current compensation
W
COMP_IG64 (lo)
R
IGC64
Gain current compensation
W
0xBA
COMP_TIG64 (hi)
R
0
0
0
TIGC64P
Gain current compensation
above 25 °C
W
COMP_TIG64 (lo)
R
0
0
0
TIGC64N
Gain current compensation
below 25 °C
W
0xBC
COMP_IG256 (hi)
R
0
0
0
0
0
0
IGC256
Gain current compensation
W
COMP_IG256 (lo)
R
IGC256
Gain current compensation
W
Table 60. Analog die registers - 0x0E00–0x0EFF D2D blocking access (D2DI) 0x0F00–0x0FFF D2D non blocking access (D2DI)
Offset(73)
Name
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com