Electronic Components Datasheet Search
  English  ▼

X  

ADP5056 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 1 Page - Analog Devices

  ADP5056 Datasheet HTML 1Page - Analog Devices ADP5056 Datasheet HTML 2Page - Analog Devices ADP5056 Datasheet HTML 3Page - Analog Devices ADP5056 Datasheet HTML 4Page - Analog Devices ADP5056 Datasheet HTML 5Page - Analog Devices ADP5056 Datasheet HTML 6Page - Analog Devices ADP5056 Datasheet HTML 7Page - Analog Devices ADP5056 Datasheet HTML 8Page - Analog Devices ADP5056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Triple Buck Regulator
Integrated Power Solution
Data Sheet
ADP5056
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide input voltage range: 2.75 V to 18 V
Bias input voltage range: 4.5 V to 18 V
Operation up to 150°C junction temperature
−0.62% to +0.69% feedback voltage accuracy (−40°C to +125°C
junction temperature)
Channel 1 and Channel 2: 7 A synchronous buck regulator
(9.4 A minimum valley current limit)
Channel 1 and Channel 2: 14 A output in parallel operation
Channel 3: 3 A synchronous buck regulator (4.2 A minimum
valley current limit)
250 kHz to 2500 kHz adjustable switching frequency
External compensation for fast load transient response
Precision enable pin with 0.615 V accurate reference voltage
Programmable power-up and power-down sequence
Selective FPWM/PSM mode selection
Frequency synchronization input or output
Power-good flag for three channels
Active output discharge switch
UVLO, overcurrent protection, and TSD protection
43-terminal, 5 mm × 5.5 mm LGA package
APPLICATIONS
Small cell base stations
Field programmable gate array (FPGA) and processor
applications
Security and surveillance
Medical applications
TYPICAL APPLICATION CIRCUIT
L1
BST1
SW1
PGND
C4
C3
VOUT1
FB1
VREG
C1
GND
L2
BST2
SW2
PGND
C7
C6
VOUT2
FB2
EN1
PVIN1
C2
2.75V
TO 18.0V
PVIN2
C5
COMP1
COMP2
EN2
VBIAS
INT
VREG
L3
BST3
SW3
PGND
C10
C9
VOUT3
FB3
PVIN3
C8
COMP3
EN3
RT
CFG1
CFG2
OSC
SYNC/MODE
(VBIAS = 4.5V
TO 18.0V)
RAMP1
PWRGD
RAMP2
RAMP3
LOGIC
GND
GND
CHANNEL 3
3A BUCK
CHANNEL 2
7A BUCK
CHANNEL 1
7A BUCK
Figure 1.
GENERAL DESCRIPTION
The ADP5056 combines three high performance buck regulators
in a 43-terminal land grid array (LGA) package that meets the
demanding performance and board space requirements. The
device enables direct connection to high input voltages up to
18 V with no preregulators.
All channels integrate both high-side and low-side power metal-
oxide semiconductor field effect transistors (MOSFETs) to achieve
an efficiency optimized solution. Channel 1 and Channel 2
deliver a programmable output current of 3.5 A or 7 A, or
provide a single output with up to 14 A of current in parallel
operation. Channel 3 delivers a programmable output current
of 1.5 A or 3 A.
The switching frequency of the ADP5056 can be programmed
or synchronized to an external clock. The ADP5056 contains an
enable pin (ENx) on each channel for easy power-up sequencing
or adjustable undervoltage lockout (UVLO) threshold.
The ADP5056 integrates start-up/shutdown sequence control,
forced pulse-width modulation/power saving mode (FPWM/PSM)
selection, an output discharge switch, and a power-good signal.
The ADP5056 is rated at −40°C to +150°C junction temperature.
Note that throughout this data sheet, multifunction pins, such
as SYNC/MODE, are referred to either by the entire pin name
or by a single function of the pin, for example, SYNC, when
only that function is relevant.


Similar Part No. - ADP5056

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
ADP5050-EVALZ AD-ADP5050-EVALZ Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050ACPZ-R7 AD-ADP5050ACPZ-R7 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
More results

Similar Description - ADP5056

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 40P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
3MHz, 2A Triple Synchronous Buck Regulator
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
Integrated FET Buck Regulator
MIC33163 MICREL-MIC33163 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
MIC33263 MICREL-MIC33263 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
Quad Buck Regulator Integrated Power Solution
REV. B
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
Integrated Power Solution with Quad Low Noise Buck Regulators
8/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com