Electronic Components Datasheet Search
  English  ▼

X  

ADP5056 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5056 Datasheet HTML 7Page - Analog Devices ADP5056 Datasheet HTML 8Page - Analog Devices ADP5056 Datasheet HTML 9Page - Analog Devices ADP5056 Datasheet HTML 10Page - Analog Devices ADP5056 Datasheet HTML 11Page - Analog Devices ADP5056 Datasheet HTML 12Page - Analog Devices ADP5056 Datasheet HTML 13Page - Analog Devices ADP5056 Datasheet HTML 14Page - Analog Devices ADP5056 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 11 of 31
0
0.5
7.0
IO (A)
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
100
90
80
70
60
50
40
30
20
10
0
fSW = 600kHz
fSW = 1.2MHz
fSW = 1.8MHz
Figure 10. Channel 1/Channel 2 Efficiency Curve, VIN = 12 V,
Output Voltage (VOUT) = 3.3 V, FPWM Mode (600 kHz, 1.2 MHz, 1.8 MHz)
2
4
6
8
10
VIN (V)
12
14
16
18
0.4
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
Figure 11. Channel 1/Channel 2 Line Regulation, VOUT = 1.2 V, IOUT = 7 A,
fSW = 600 kHz, FPWM Mode
0
1
2
3
IOUT (A)
4
5
6
7
0.4
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
Figure 12. Channel 1/Channel 2 Load Regulation, VIN = 12 V,
VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode
0
3.0
100
90
80
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
2.5
IO (A)
fSW = 600kHz
fSW = 1.2MHz
fSW = 1.8MHz
Figure 13. Channel 3 Efficiency Curve, VIN = 12 V, VOUT = 3.3 V,
FPWM Mode (600 kHz, 1.2 MHz, 1.8 MHz)
2
4
6
8
10
VIN (V)
12
14
16
18
0.4
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
Figure 14. Channel 3 Line Regulation, VOUT = 1.2 V, IOUT = 3 A, fSW = 600 kHz,
FPWM Mode
0
0.5
1.0
1.5
IOUT (A)
2.0
2.5
3.0
0.4
–0.4
0.3
–0.3
0.2
–0.2
0.1
–0.1
0
Figure 15. Channel 3 Load Regulation, VIN = 12 V,
VOUT = 1.2 V, fSW = 600 kHz, FPWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com