Electronic Components Datasheet Search
  English  ▼

X  

ADP5056 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 3 Page - Analog Devices

  ADP5056 Datasheet HTML 1Page - Analog Devices ADP5056 Datasheet HTML 2Page - Analog Devices ADP5056 Datasheet HTML 3Page - Analog Devices ADP5056 Datasheet HTML 4Page - Analog Devices ADP5056 Datasheet HTML 5Page - Analog Devices ADP5056 Datasheet HTML 6Page - Analog Devices ADP5056 Datasheet HTML 7Page - Analog Devices ADP5056 Datasheet HTML 8Page - Analog Devices ADP5056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 3 of 31
FUNCTIONAL BLOCK DIAGRAM
RT
SYNC/MODE
DIGITAL
DECODER
CFG1
CFG2
VBIAS
VREG
INTERNAL
REGULATOR
(POR, UVLO)
GND
GND
VREG
POWER-ON
RESET
PWRGD
HOUSEKEEPING
LOGIC
+
–
Q1
UVLO1
PVIN1
SW1
BST1
VREG
VREG
PGND
CONTROL LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
EN1
0.615V
HICCUP
AND
LATCH-UP
+
–
OCP
COMP1
FB1
CLK1
ZERO
CROSS
+
–
+
–
CHANNEL 1 – BUCK
DUPLICATE CHANNEL 1
CHANNEL 2 – BUCK
EN2
COMP2
FB2
PGND
PVIN2
SW2
BST2
+
–
EA1
CMP1
Q2
DUPLICATE CHANNEL 1
CHANNEL 3 – BUCK
EN3
COMP3
FB3
PGND
PVIN3
SW3
BST3
0.9µA
2.6µA
RAMP1
+
–
ACS1*
ICS
ICS
107% × VREF
VREF
CLK1
100nF
25V
RAMP2
RAMP3
½ × PVIN1
CLK2
CLK3
GND
OSCILLATOR
SLOPE COMP
+
–
93% × VREF
DRIVER
DRIVER
100nF
25V
*ACS1 IS THE CURRENT SENSING AMPLIFIER OF CHANNEL 1.
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com