Electronic Components Datasheet Search
  English  ▼

X  

ADP5056 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5056 Datasheet HTML 16Page - Analog Devices ADP5056 Datasheet HTML 17Page - Analog Devices ADP5056 Datasheet HTML 18Page - Analog Devices ADP5056 Datasheet HTML 19Page - Analog Devices ADP5056 Datasheet HTML 20Page - Analog Devices ADP5056 Datasheet HTML 21Page - Analog Devices ADP5056 Datasheet HTML 22Page - Analog Devices ADP5056 Datasheet HTML 23Page - Analog Devices ADP5056 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ADP5056
Data Sheet
Rev. 0 | Page 20 of 31
UVLO
Undervoltage lockout circuitry monitors both bias input voltage
(VBIAS pin) and power input voltage level (PVINx pin) of each
buck regulator in the ADP5056. If the power input voltage falls
below 2.22 V (typical falling threshold), the corresponding
channel is turned off. After the input voltage rises above 2.5 V
(typical rising threshold), the soft start period initiates, and the
corresponding channel enables when the ENx pin is high.
If the bias voltage falls below 3.8 V (typical falling threshold), all
channels turn off. After the bias voltage rises above 4.2 V (typical
rising threshold), a soft start initiates for each enabled channel.
POWER-GOOD FUNCTION
The ADP5056 includes an open-drain, power-good output
(PWRGD pin) that becomes active high when the three buck
regulators are operating normally. The PWRGD pin monitors
the output voltage on three channels.
A logic high of the PWRGD signal indicates that the regulated
output voltage of the buck regulator is above 95% (typical) and
below 105% (typical) of the nominal output. When the regulated
output voltage of the buck regulator falls below 93% (typical) or
rises above 107% (typical) of the nominal output for a deglitched
time greater than approximately four switching cycles, the
PWRGD pin is set to 0.
The output of the PWRGD pin is the logical AND of the internal
PWRGD signals on all channels. The output of the PWRGD pin
becomes high after the tSET delay and is 2.6 ms when the CFG2
pin is connected to ground. The tSET timer can be increased by
8× using the CFG2 pin configuration. If one internal PWRGD
signal fails, the PWRGD pin goes low with no delay.
CH1 2.0V
CH2 500mV
20.0M
M2.00ms
A CH1
440mV
1
2
3
B
W
20.0M
B
W
20.0M
1M
Ω
1M
Ω
1M
Ω BW
CH3 1.0V
Figure 44. Power-Good Delay, VIN = 12 V, VOUT = 1.0 V, fSW = 600 kHz, FPWM
Mode, Channel 1 = EN, Channel 2 = VOUT, Channel 3 = PWRGD
POWER-UP AT HIGH TEMPERATURE
Although the maximum operating junction temperature is
150°C, the ADP5056 has a lower temperature protection limit
of 125°C by which the device must be powered up. This 125°C
limit protects the internal nonvolatile memory, which is read on
this initial power-up. Power-up is the condition of VBIAS rising
above UVLOVBIAS. If power-up is attempted above 125°C, the
devices does not allow operation until the temperature drops
below 125°C. When this temperature is achieved and stored in
the volatile memory, the device is ready for normal operation
without the 125°C limit.
THERMAL SHUTDOWN
If the ADP5056 junction temperature exceeds 175°C, the thermal
shutdown circuit turns off the IC, except for the internal linear
regulators. The ADP5056 turns off the low-side MOSFET only
after the inductor current reaches zero. Extreme junction
temperatures can be the result of high current operation, poor
circuit board design, or high ambient temperature. A 15°C
hysteresis is included so that the ADP5056 does not return to
operation after thermal shutdown until the on-chip temperature
falls below 160°C. When the device exits thermal shutdown, a soft
start is initiated for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com