Electronic Components Datasheet Search
  English  ▼

X  

ADP5056 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5056
Description  Triple Buck Regulator Integrated Power Solution
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5056 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5056 Datasheet HTML 5Page - Analog Devices ADP5056 Datasheet HTML 6Page - Analog Devices ADP5056 Datasheet HTML 7Page - Analog Devices ADP5056 Datasheet HTML 8Page - Analog Devices ADP5056 Datasheet HTML 9Page - Analog Devices ADP5056 Datasheet HTML 10Page - Analog Devices ADP5056 Datasheet HTML 11Page - Analog Devices ADP5056 Datasheet HTML 12Page - Analog Devices ADP5056 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
ADP5056
Rev. 0 | Page 9 of 31
Pin No.
Mnemonic
Description
22
PWRGD
Power Good Output for Selective Channels.
23
EN2
Enable Input for Channel 2.
24
COMP2
Error Amplifier Output for Channel 2. Connect an RC network from this pin to ground.
25
FB2
Feedback Sensing Input for Channel 2.
26
RAMP2
Slope Compensation Setting for Channel 2. Connect a resistor from RAMP2 to ground to set the slope compensation.
27
CFG2
System Configuration Pin 2. Connect one resistor from this pin to ground to program the tSET timer, fast transient
mode, and sequence mode.
28
CFG1
System Configuration Pin 1. Connect one resistor from this pin to ground to program the current limit, parallel
operation, and clock output settings.
29
PVIN2
Power Input for Channel 2.
30
PVIN2
Power Input for Channel 2.
31
PVIN2
Power Input for Channel 2.
32
SW2
Switching Node Output for Channel 2.
33
SW2
Switching Node Output for Channel 2.
34
SW2
Switching Node Output for Channel 2.
35
PGND
Power Ground for all Channels.
36
PGND
Power Ground for all Channels.
37
PGND
Power Ground for all Channels.
38
SW1
Switching Node Output for Channel 1.
39
SW1
Switching Node Output for Channel 1.
40
SW1
Switching Node Output for Channel 1.
41
PVIN1
Power Input for Channel 1.
42
PVIN1
Power Input for Channel 1.
43
PVIN1
Power Input for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com