Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 8 Page - Intel Corporation

Part # 535
Description  Intel짰 Solid-State Drive 535 Series (2.5-inch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

535 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 535 Datasheet HTML 4Page - Intel Corporation 535 Datasheet HTML 5Page - Intel Corporation 535 Datasheet HTML 6Page - Intel Corporation 535 Datasheet HTML 7Page - Intel Corporation 535 Datasheet HTML 8Page - Intel Corporation 535 Datasheet HTML 9Page - Intel Corporation 535 Datasheet HTML 10Page - Intel Corporation 535 Datasheet HTML 11Page - Intel Corporation 535 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Intel® Solid-State Drive 535 Series (2.5-inch)
Product Specification
September 2015
8
332062-003US
2
Product Specifications
2.1
Capacity
Table 3:
User Addressable Sectors
Capacity
Unformatted Capacity (Total User Addressable Sectors in LBA mode)
56GB
109,417,392
120GB
234,441,648
180GB
351,651,888
240GB
468,862,128
360GB
703,282,608
480GB
937,703,088
2.2
Performance
Table 4:
Compressible Performance
Capacity
Specification
Random
4KB Read
(up to)1
Random
4KB Write
(up to)2
Random
4KB Write
(TYP)1
Sequential
128KB Read1
Sequential
128KB Write1
IOPS
IOPS
IOPS
MB/s
MB/s
56GB
12,000
80,000
23,000
540
480
120GB
24,000
80,000
37,500
540
480
180GB
41,000
80,000
49,000
540
490
240GB
41,000
80,000
49,000
540
490
360GB
45,000
33,000
29,500
540
490
480GB
48,000
37,000
31,000
540
490
Note:
1.
Performance measured by Intel using IOMeter* with Queue Depth 32. Measurements are performed on 8 GB of
Logical Block Address (LBA) range on a full SSD.
2.
Random 4 KB writes measured using out-of-box SSD.
Table 5:
Incompressible Performance
Capacity
Specification
Random
4KB Read
(up to)1
Random
4KB Write
(up to)1
Sequential
128KB Read1
Sequential
128KB Write1
IOPS
IOPS
MB/s
MB/s
56GB
13,000
2,000
400
100
120GB
18,000
15,000
450
130
180GB
37,500
17,000
470
170
240GB
37,500
23,000
510
230
360GB
37,500
10,000
525
240
480GB
37,500
13,000
540
300
Note:
1.
Performance measured by Intel using IOMeter* with Queue Depth 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com