Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 23 Page - Intel Corporation

Part # 535
Description  Intel짰 Solid-State Drive 535 Series (2.5-inch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

535 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 535 Datasheet HTML 19Page - Intel Corporation 535 Datasheet HTML 20Page - Intel Corporation 535 Datasheet HTML 21Page - Intel Corporation 535 Datasheet HTML 22Page - Intel Corporation 535 Datasheet HTML 23Page - Intel Corporation 535 Datasheet HTML 24Page - Intel Corporation 535 Datasheet HTML 25Page - Intel Corporation 535 Datasheet HTML 26Page - Intel Corporation 535 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Intel® Solid-State Drive 535 Series (2.5-inch)
September 2015
Product Specification
332062-003US
23
ID
Attribute
Status Flags
Threshold
SP
EC
ER
PE
OC
PW
dueto error.
B8h
End-to-End Error Detection Count
Reports number of errors encountered during
end-to-end error detection within the SSD
data path.
1
1
0
0
1
1
90
BBh
Uncorrectable Error Count
The raw value shows the count of errors that
could not be recovered using Error
Correction Code (ECC).
1
1
0
0
1
0
0 (none)
BEh
Temperature
Reports real-time temperature of drive as
measured by temperature sensor on drive
PCB. The normalized value reports the
current temperature value. The raw value
shows current, lifetime highest and lifetime
lowest temperatures. Byte 1:0 = current
temp Celsius; Byte 3:2 = lifetime highest
temp Celsius; Byte 5:4 = lifetime lowest
temp Celsius.
1
1
0
0
1
0
0 (none)
C0h
Power-Off Retract Count (Unsafe Shutdown
Count)
The raw value of this attribute reports the
cumulative number of unsafe (unclean)
shutdown events over the life of the device.
An unsafe shutdown occurs whenever the
device is powered off without STANDBY
IMMEDIATE being the last command.
1
1
0
0
1
0
0 (none)
C7h
CRC Error Count
The total number of encountered SATA
interface cyclic redundancy check (CRC)
errors.
1
1
0
0
1
0
0 (none)
E1h
Host Writes
The raw value of this attribute reports the
total number of sectors written by the host
system. The raw value is increased by 1 for
every 65,536 sectors (32MB) written by the
host.
1
1
0
0
1
0
0 (none)
E2h
Timed Workload Media Wear
Measures the wear seen by the SSD (since
reset of the workload timer, attribute E4h),
as a percentage of the maximum rated
cycles.
1
1
0
0
1
0
0 (none)
E3h
Timed Workload Host Read/Write Ratio
Shows the percentage of I/O operations that
are read operations (since reset of the
workload timer, attribute E4h).
1
1
0
0
1
0
0 (none)
E4h
Timed Workload Timer
Measures the elapsed time (number of
minutes since starting this workload timer).
1
1
0
0
1
0
0 (none)
E8h
Available Reserved Space
This attribute reports the number of reserve
1
1
0
0
1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com