Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 1 Page - Intel Corporation

Part # 535
Description  Intel짰 Solid-State Drive 535 Series (2.5-inch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

535 Datasheet(HTML) 1 Page - Intel Corporation

  535 Datasheet HTML 1Page - Intel Corporation 535 Datasheet HTML 2Page - Intel Corporation 535 Datasheet HTML 3Page - Intel Corporation 535 Datasheet HTML 4Page - Intel Corporation 535 Datasheet HTML 5Page - Intel Corporation 535 Datasheet HTML 6Page - Intel Corporation 535 Datasheet HTML 7Page - Intel Corporation 535 Datasheet HTML 8Page - Intel Corporation 535 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Intel® Solid-State Drive 535 Series (2.5-inch)
Order Number: 332062-003US
Intel® Solid-State Drive 535 Series (2.5-inch)
Product Specification

Capacities: 56GB, 120GB, 180GB, 240GB,
360GB, 480GB

Form Factor: 2.5-inch

Thickness: 7 mm

Weight: Up to 78 grams

SATA 6Gb/s Bandwidth Performance
1
(IOMeter* Queue Depth 32)
Sustained Sequential Read: up to 540MB/s
Sustained Sequential Write: up to 490MB/s

Read and Write IOPS1
(IOMeter Queue Depth 32)
Random 4KB Reads: up to 48,000 IOPS
Random 4KB Writes: up to 80,000 IOPS2

Data Compression

End-to-End Data Protection

AES 256-bit Encryption

Compatibility
Intel® SSD Toolbox with Intel® SSD Optimizer
Intel® Data Migration Software
Intel® Rapid Storage Technology
SATA Revision 3.2
ACS-3 (ATA/ATAPI Command Set 3)
SSD Enhanced SMART ATA feature set

Power Management
5.0 V SATA Supply Rail
SATA Link Power Management (LPM)
Advanced Power Management (APM)
Device Sleep (DevSleep)

Power
Active (BAPCo MobileMark* 2007 Workload):
165 mW
Idle3: 55 mW
DevSleep: 5 mW

Temperature
Operating4: 0o C to 70o C
Non-Operating: -55o C to 95o C

Reliability
Uncorrectable Bit Error Rate (UBER):
<1 sector per 1016 bits read
Mean Time Between Failure (MTBF):
1.2 million hours

Shock
Operating and Non-Operating: 1,500 G/0.5 ms

Vibration
Operating: 2.17 GRMS (5-700Hz)
Non-operating: 3.13 GRMS (5-800Hz)

Certifications and Declarations:
UL*
CE*
C-Tick*
BSMI*
KCC*
Microsoft* WHCK
VCCI*
SATA-IO*

Product Ecological Compliance
RoHS*
NOTES:
1.
Performance values vary by capacity.
2.
Random 4KB writes measured using out-of-box SSD.
3.
Non-DevSleep idle power with SATA Link Power Management (LPM) enabled.
4.
As measured by temperature sensor, SMART Attribute BEh. Active airflow is recommended within the system for maintaining proper
device operating temperatures on heavier workloads.


Similar Part No. - 535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
535 VISHAY-535 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
535 VISHAY-535 Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
535 VISHAY-535 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
logo
Alpha Wire
535 ALPHAWIRE-535 Datasheet
379Kb / 2P
RoHS-Compliant Commencing With 2/25/2008 Production
logo
France Joint
535 FRANCEJOINT-535 Datasheet
779Kb / 4P
PISTON SEALS
More results

Similar Description - 535

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GSSD18M-M TRANSCEND-TS32GSSD18M-M Datasheet
800Kb / 32P
1.8??Portable Solid State Drive
TS60GSSD25D-M TRANSCEND-TS60GSSD25D-M Datasheet
1Mb / 18P
2.5??Solid State Drive
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
2.5??Solid State Disk
logo
A-Data Technology
SX950 A-DATA-SX950 Datasheet
1Mb / 2P
XPG SX950 3D NAND 2.5-inch Solid State Drive
logo
Apacer Technology Inc.
SM130-25 APACER-SM130-25 Datasheet
1Mb / 4P
(2.5inch) Embedded Solid State Drive
SS130-25 APACER-SS130-25 Datasheet
1Mb / 4P
(2.5inch) Embedded Solid State Drive
PV130-M242 APACER-PV130-M242 Datasheet
1Mb / 5P
modularized Solid State Drive (SSD)
logo
Intel Corporation
530 INTEL-530 Datasheet
481Kb / 27P
Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
750 INTEL-750 Datasheet
960Kb / 33P
Intel짰 Solid State Drive 750 Series
October 2015
S3500 INTEL-S3500 Datasheet
540Kb / 34P
Intel짰 Solid-State Drive DC S3500 Series
January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com