Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 21 Page - Intel Corporation

Part # 535
Description  Intel짰 Solid-State Drive 535 Series (2.5-inch)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

535 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 535 Datasheet HTML 17Page - Intel Corporation 535 Datasheet HTML 18Page - Intel Corporation 535 Datasheet HTML 19Page - Intel Corporation 535 Datasheet HTML 20Page - Intel Corporation 535 Datasheet HTML 21Page - Intel Corporation 535 Datasheet HTML 22Page - Intel Corporation 535 Datasheet HTML 23Page - Intel Corporation 535 Datasheet HTML 24Page - Intel Corporation 535 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Intel® Solid-State Drive 535 Series (2.5-inch)
September 2015
Product Specification
332062-003US
21
5.6
DevSleep
Intel SSD 535 Series supports the DevSleep feature. DevSleep must be enabled on the device by the
host system through the SET FEATURES command. If DevSleep is enabled by the host, the host must drive
the DevSleep signal to proper assert/de-assert voltage levels according to the SATA specification. Entry into
DevSleep must be preceded by LPM slumber entry by host and device. The Intel SSD 535 Series also supports
DevSleep_to_ReducedPwrState which allows the host to wake the drive using normal LPM COMWAKE
out-of-band signaling.
For the Intel SSD 535 Series, the recommended total time to DevSleep for system active state is 6 sec.
The AHCI* controller has 4 parameters used to define proper DevSleep operation between the host and drive.
The following table provides those recommended values for the Intel SSD 535 Series drive.
Table 20: DevSleep Control Parameters
Parameter
Definition
Control
Recommended
Settings
DITO
DevSleep Idle Time Out – number of
milliseconds prior to host asserting
DevSleep
Set by Host
Active (lid-up): 375
DM
DITO Multiplier – set once at boot-up
Set by Host
15
MDAT
Minimum DevSleep Assertion Time –
minimum time in milliseconds for host to
assert DevSleep
Reported by Drive
10
DETO
DevSleep Exit Time Out – max time in
milliseconds from when DevSleep is
negated to when device ready to detect
OOB
Reported by Drive
20
Total time to DevSleep entry = DITO * (DM+1)
5.7
SMART Command Transport
With SMART Command Transport (SCT), a host can send commands and data to an SSD and receive status
and data from an SSD using standard write/read commands to manipulate two SMART Logs:
 Log Address E0h ("SCT Command/Status") — used to send commands and retrieve status
 Log Address E1h ("SCT Data Transfer") — used to transport data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com